Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCM8002 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TCM8002
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM8002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM8002 Datasheet HTML 2Page - Texas Instruments TCM8002 Datasheet HTML 3Page - Texas Instruments TCM8002 Datasheet HTML 4Page - Texas Instruments TCM8002 Datasheet HTML 5Page - Texas Instruments TCM8002 Datasheet HTML 6Page - Texas Instruments TCM8002 Datasheet HTML 7Page - Texas Instruments TCM8002 Datasheet HTML 8Page - Texas Instruments TCM8002 Datasheet HTML 9Page - Texas Instruments TCM8002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C – SEPTEMBER 1994 – REVISED JUNE 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating temperature range
Supply voltage range, VDD, VSS (see Note 1)
– 0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (includes open-drain outputs), VO
– 0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage Values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VDD
VDD = 3 V
2.7
3.3
3.6
V
Supply voltage, VDD
VDD = 5 V
4.5
5
5.5
V
Input voltage, VI
0
VDD
V
Output voltage, VO
0
VDD
V
High-level input voltage, VIH
0.7 VDD
Low level input voltage VIL
VDD = 3 V
0.3 VDD
V
Low-level input voltage, VIL
VDD = 5 V
0.2 VDD
V
Operating ambient temperature range, TA
–40
25
85
°C
electrical characteristics over recommended operating conditions, VDD = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 0.9 mA
VDD – 0.55
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.5
V
VIT +
Positive-going input threshold voltage
0.7 VDD
V
VIT –
Negative-going input threshold voltage
0.3 VDD
V
Vhys
Hysteresis (VIT + – VIT –)
0.1 VDD
0.3 VDD
V
IOZ
High-impedance output current
VI = VDD or VSS
±10
µA
IIL
Low-level input current
VI = VSS
–1
µA
IIH
High-level input current
VI = VDD
1
µA
IO
Pullup output current
VI = VSS
– 2.12
– 5.32
– 10.18
µA
Default mode
1.4
IDD
Supply current with 2.56-MHz crystal
Low-power mode
1.1
mA
Low-power mode, SAT off
0.9


Similar Part No. - TCM8002

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TCM8002 TI1-TCM8002 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002IFR TI1-TCM8002IFR Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002 TI1-TCM8002_08 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results

Similar Description - TCM8002

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TCM8002 TI1-TCM8002_08 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
NXP Semiconductors
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
NEC
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
New Japan Radio
New Japan Radio
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
Panasonic Semiconductor
Panasonic Semiconductor
AN6096FHN PANASONIC-AN6096FHN Datasheet
71Kb / 6P
   Transmission and reception IC for cellular telephone
List of Unclassifed Manufacturers
List of Unclassifed Man...
FF1842M50-LS72 ETC-FF1842M50-LS72 Datasheet
47Kb / 3P
   1842.50 MHz SAW Filter for cellular telephone
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz