Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM810JENB713 Datasheet(PDF) 1 Page - Microchip Technology

Part # TCM810JENB713
Description  3-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810JENB713 Datasheet(HTML) 1 Page - Microchip Technology

  TCM810JENB713 Datasheet HTML 1Page - Microchip Technology TCM810JENB713 Datasheet HTML 2Page - Microchip Technology TCM810JENB713 Datasheet HTML 3Page - Microchip Technology TCM810JENB713 Datasheet HTML 4Page - Microchip Technology TCM810JENB713 Datasheet HTML 5Page - Microchip Technology TCM810JENB713 Datasheet HTML 6Page - Microchip Technology TCM810JENB713 Datasheet HTML 7Page - Microchip Technology TCM810JENB713 Datasheet HTML 8Page - Microchip Technology TCM810JENB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2004 Microchip Technology Inc.
DS21661C-page 1
TCM809/TCM810
Features
• Precision VDD Monitor for 2.5V, 3.0V, 3.3V, 5.0V
Nominal System Voltage Supplies
• 140 msec Minimum RESET Time Out Period
• RESET Output to VDD = 1.0V (TCM809)
• Low Supply Current, 9 µA (typ.)
•VDD Transient Immunity
• Small 3-Pin SC-70 and SOT-23B Packages
• No External Components
• Push-Pull RESET Output
• Temperature Range:
- Industrial, SC-70 (E): -40
°C to +85°C
- Extended, SOT-23, SC-70 (V): -40
°C to +125°C
Applications
• Computers
• Embedded Systems
• Battery-Powered Equipment
• Critical Microcontroller Power Supply Monitoring
• Automotive
Typical Application Circuit
General Description
The TCM809 and TCM810 are cost-effective system
supervisor circuits designed to monitor VDD in digital
systems and provide a reset signal to the host proces-
sor, when necessary. No external components are
required.
The RESET output is typically driven active within
65 µsec of VDD falling through the reset voltage thresh-
old. RESET is maintained active for a minimum of
140 msec after VDD rises above the reset threshold.
The TCM810 has an active-high RESET output, while
the TCM809 has an active-low RESET output. The out-
put of the TCM809/TCM810 is valid down to VDD = 1V.
Both devices are available in 3-Pin SC-70 and SOT-23B
packages.
The TCM809/TCM810 is optimized to reject fast
transient glitches on the VDD line. A low supply current
of 9 µA (typ., VDD = 3.3V) make these devices suitable
for battery-powered applications.
Pin Configurations
1
TCM809
V
DD
V
DD
V
DD
RESET
RESET
INPUT
(Active-Low)
GND
GND
PICmicro®
Microcontroller
3
2
SOT-23B/SC-70
Note: 3-Pin SOT-23B is equivalent to
V
DD
TCM809 RESET
GND 1
2
TCM810 (RESET)
3
JEDEC TO-236.
3-Pin Microcontroller Reset Monitors


Similar Part No. - TCM810JENB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM810JEN MICROCHIP-TCM810JEN Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
More results

Similar Description - TCM810JENB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com