Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM809LENB713 Datasheet(PDF) 5 Page - Microchip Technology

Part # TCM809LENB713
Description  3-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM809LENB713 Datasheet(HTML) 5 Page - Microchip Technology

  TCM809LENB713 Datasheet HTML 1Page - Microchip Technology TCM809LENB713 Datasheet HTML 2Page - Microchip Technology TCM809LENB713 Datasheet HTML 3Page - Microchip Technology TCM809LENB713 Datasheet HTML 4Page - Microchip Technology TCM809LENB713 Datasheet HTML 5Page - Microchip Technology TCM809LENB713 Datasheet HTML 6Page - Microchip Technology TCM809LENB713 Datasheet HTML 7Page - Microchip Technology TCM809LENB713 Datasheet HTML 8Page - Microchip Technology TCM809LENB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2004 Microchip Technology Inc.
DS21661C-page 5
TCM809/TCM810
3.0
APPLICATIONS INFORMATION
3.1
VDD Transient Rejection
The TCM809/TCM810 provides accurate VDD monitor-
ing and reset timing during power-up, power-down and
brown-out/sag conditions. These devices also reject
negative-going transients (glitches) on the power sup-
ply line. Figure 3-1 shows the maximum transient dura-
tion vs. maximum negative excursion (overdrive) for
glitch rejection. Any combination of duration and over-
drive that lies under the curve will not generate a reset
signal.
FIGURE 3-1:
Maximum Transient
Duration vs. Overdrive for Glitch Rejection at
+25°C.
Combinations above the curve are detected as a
brown-out or power-down condition. Transient immu-
nity can be improved by adding a capacitor in close
proximity to the VDD pin of the TCM809/TCM810.
3.2
RESET Signal Integrity During
Power-Down
The TCM809 RESET output is valid to VDD = 1.0V.
Below this voltage the output becomes an "open cir-
cuit" and does not sink current. This means CMOS
logic inputs to the microcontroller will be floating at an
undetermined voltage. Most digital systems are
completely shut down well above this voltage.
However, in situations where RESET must be main-
tained valid to VDD = 0V, a pull-down resistor must be
connected from RESET to ground to discharge stray
capacitances and hold the output low (Figure 3-2). This
resistor value, though not critical, should be chosen
such that it does not appreciably load RESET under
normal operation (100 k
Ω will be suitable for most
applications). Similarly, a pull-up resistor to VDD is
required for the TCM810 to ensure a valid high RESET
for VDD below 1.0V.
FIGURE 3-2:
The addition of R1 at the
RESET output of the TCM809 ensures that the
RESET output is valid to VDD = 0V.
Reset Comparator Overdrive
[V
TH - VDD] (mv)
400
240
160
320
80
0
1
5
100
1000
T
A = +25°C
V
TH
Duration
Overdrive
V
DD
TCM8XXL/M/J (SOT-23)
TCM8XXZ/R/S/T
(SOT-23)
[V
TH - VDD] (mv)
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
Reset Comparator Overdrive (mV)
TCM8XXL/M/J (SC-70)
TCM8XXZ/R/S/T (SC-70)
TCM809
V
DD
V
DD
R1
100 k
RESET
GND


Similar Part No. - TCM809LENB713

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM809LENB TELCOM-TCM809LENB Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results

Similar Description - TCM809LENB713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com