Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5036BPFC Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5036BPFC
Description  Six Channel Digital Audio PWM Precessor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036BPFC Datasheet(HTML) 4 Page - Texas Instruments

  TAS5036BPFC Datasheet HTML 1Page - Texas Instruments TAS5036BPFC Datasheet HTML 2Page - Texas Instruments TAS5036BPFC Datasheet HTML 3Page - Texas Instruments TAS5036BPFC Datasheet HTML 4Page - Texas Instruments TAS5036BPFC Datasheet HTML 5Page - Texas Instruments TAS5036BPFC Datasheet HTML 6Page - Texas Instruments TAS5036BPFC Datasheet HTML 7Page - Texas Instruments TAS5036BPFC Datasheet HTML 8Page - Texas Instruments TAS5036BPFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
List of Illustrations
iv
February 2003
SLES073
3.8
Interchannel Delay Registers (x0C–x11)
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.9
ABD Delay Register (x12)
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.10
Individual Channel Mute Register (x19)
29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
System Procedures for Initialization, Changing Data Rates, and Switching Between Master
and Slave Modes
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
System Initialization
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Data Sample Rate
31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Changing Between Master and Slave Modes
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Specifications
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Absolute Maximum Ratings Over Operating Temperature Ranges
36
. . . . . . . . . . . . . . . . . . . . . . .
5.2
Recommended Operating Conditions (Fs = 48 kHz)
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Electrical Characteristics Over Recommended Operating Conditions
36
. . . . . . . . . . . . . . . . . . . .
5.3.1
Static Digital Specifications Over Recommended Operating Conditions
36
. . . . . . . . .
5.3.2
Digital Interpolation Filter and PWM Modulator Over Recommended Operating
Conditions Fs = 48 kHz
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.3
TAS5036B/TAS5182 System Performance Measured at the Speaker Terminals
Over Recommended Operating Conditions
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
Switching Characteristics
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.1
Command Sequence Timing
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.2
Serial Audio Port
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.3
Serial Control Port—I2C Operation
44
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Serial Audio Interface Clock Master and Slave Interface Configuration
46
. . . . . . . . . . . . . . . . . . .
6.1.1
Slave Configuration
46
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.2
Master Configuration
46
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Mechanical Data
47
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A—Volume Table
49
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
List of Illustrations
Figure
Title
Page
2–1 Crystal Circuit
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–2 External PLL Loop Filter
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–3 I2S 64-Fs Format
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–4 I2S 48-Fs Format
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–5 Left-Justified 64-Fs Format
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–6 Left-Justified 48-Fs Format
13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–7 Right-Justified 64-Fs Format
13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–8 Right-Justified 48-Fs Format
14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–9 DSP Format
14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–10 Attenuation Curve
18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–11 De-Emphasis Filter Characteristics
20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–12 PWM Outputs and H-Bridge Driven in BTL Configuration
22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–13 Typical I2C Sequence
23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–14 Single Byte Write Transfer
23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–15 Multiple Byte Write Transfer
24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–16 Single Byte Read
24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TAS5036BPFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5036BPFC TI-TAS5036BPFC Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036BPFCG4 TI-TAS5036BPFCG4 Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036BPFCR TI-TAS5036BPFCR Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036BPFCRG4 TI-TAS5036BPFCRG4 Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
More results

Similar Description - TAS5036BPFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036 TI-TAS5036 Datasheet
713Kb / 49P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036A TI-TAS5036A_06 Datasheet
778Kb / 62P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B_06 Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
[Old version datasheet]   PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com