Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4507 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BU4507
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4507 Datasheet(HTML) 6 Page - NXP Semiconductors

  BU4507 Datasheet HTML 1Page - NXP Semiconductors BU4507 Datasheet HTML 2Page - NXP Semiconductors BU4507 Datasheet HTML 3Page - NXP Semiconductors BU4507 Datasheet HTML 4Page - NXP Semiconductors BU4507 Datasheet HTML 5Page - NXP Semiconductors BU4507 Datasheet HTML 6Page - NXP Semiconductors BU4507 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4507AX
MECHANICAL DATA
Dimensions in mm
Net Mass: 5.88 g
Fig.15. SOT399; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
4.5
16.0 max
0.7
10.0
5.1
27
max
18.1
min
4.5
2.2 max
1.1
0.4 M
5.45
5.45
25
25.1
3.0
25.7
5.8 max
3.3
0.9 max
2
3.3
22.5
max
August 1998
6
Rev 1.100


Similar Part No. - BU4507

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU4507 PHILIPS-BU4507 Datasheet
63Kb / 7P
   Silicon Diffused Power Transistor
August 1998 Rev 1.100
BU4507 PHILIPS-BU4507 Datasheet
53Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
BU4507AF PHILIPS-BU4507AF Datasheet
63Kb / 7P
   Silicon Diffused Power Transistor
August 1998 Rev 1.100
logo
Inchange Semiconductor ...
BU4507AX ISC-BU4507AX Datasheet
248Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4507AZ PHILIPS-BU4507AZ Datasheet
64Kb / 7P
   Silicon Diffused Power Transistor
August 1998 Rev 1.100
More results

Similar Description - BU4507

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com