Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20U100CTFP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR20U100CTFP
Description  20A SBR Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20U100CTFP Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR20U100CTFP Datasheet HTML 1Page - Diodes Incorporated SBR20U100CTFP Datasheet HTML 2Page - Diodes Incorporated SBR20U100CTFP Datasheet HTML 3Page - Diodes Incorporated SBR20U100CTFP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR20U100CT
SBR20U100CTFP
0
5
10
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (°C)
0.1
1
10
100
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Tj=25
°C
Tj=125
°C
Tj=175
°C
Tj=75
°C
Figure 1: Current Derating Curve, Per Element
Figure 2: Typical Forward Characteristics, Per Element
0.01
0.1
1
10
100
0
20
40
60
80
100
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Tj=25
°C
Tj=125
°C
Tj=175
°C
Tj=75
°C
Figure 3: Typical Reverse Characteristics, Per Element
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
TJ, JUNCTION TEMPERATURE (°C)
1
10
100
1,000
10,000
100,000
0.001
0.01
0.1
1
10
100
1000
TP, PULSE DURATION (uS)
Figure 4: Pulse Derating Curve, Per Element
Figure 5: Maximum Avalanche Power Curve, Per Element
SBR20U100 Rev. 2
2 of 4
www.diodes.com
January 2007
© Diodes Incorporated


Similar Part No. - SBR20U100CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U100CTFP DIODES-SBR20U100CTFP Datasheet
334Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U100CTFP-G DIODES-SBR20U100CTFP-G Datasheet
334Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U100CTFP-JT DIODES-SBR20U100CTFP-JT Datasheet
334Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20U100CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
SBR20A60CT DIODES-SBR20A60CT_11 Datasheet
151Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com