Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4562-28 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4562-28
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4562-28 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4562-28 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4562
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-11
CTP4562 is a medium current inductor with the following data and features:
Core type:
1.30” o.d., Moly-Permalloy
Powder, perm 125.
• Power rating: 3.13 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Three mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
Style 1
Style 2
Style 3
1.60
0.75
0.80
1.00
1.60
0.60
0.90
0.80
1.60
1.80
0.80
Thread
#10-32
2.00
0.50
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4562, Style 1, 56uH.
Order: CTP4562 - 116
* 01
3.3
0.002
39.9
25.4
38.2
63.6
* 02
3.9
0.002
38.4
23.4
35.1
58.5
* 03
4.7
0.003
32.7
21.3
32.0
53.3
* 04
5.6
0.003
31.4
19.5
29.3
48.8
* 05
6.8
0.004
26.7
17.7
26.6
44.3
* 06
8.2
0.005
25.5
16.1
24.2
40.4
* 07
10
0.005
24.4
14.6
21.9
36.5
* 08
12
0.007
20.7
13.3
20.0
33.4
* 09
15
0.008
19.7
11.9
17.9
29.8
* 10
18
0.011
16.8
10.9
16.3
27.2
* 11
22
0.012
16.0
9.9
14.8
24.6
* 12
27
0.017
13.5
8.9
13.3
22.2
* 13
33
0.019
12.9
8.0
12.1
20.1
* 14
39
0.020
12.4
7.4
11.1
18.5
* 15
47
0.022
11.8
6.7
10.1
16.9
* 16
56
0.024
11.3
6.2
9.3
15.4
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4562 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4562 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.027
10.8
5.6
8.4
14.0
* 18
82
0.029
10.3
5.1
7.7
12.8
* 19
100
0.033
9.8
4.6
6.9
11.6
* 20
120
0.036
9.4
4.2
6.3
10.5
* 21
150
0.040
8.9
3.8
5.7
9.4
* 22
180
0.043
8.5
3.4
5.2
8.6
* 23
220
0.048
8.1
3.1
4.7
7.8
* 24
270
0.053
7.7
2.8
4.2
7.0
* 25
330
0.059
7.3
2.5
3.8
6.4
* 26
390
0.064
7.0
2.3
3.5
5.9
* 27
470
0.070
6.7
2.1
3.2
5.3
* 28
560
0.076
6.4
2.0
2.9
4.9
* 29
680
0.084
6.1
1.8
2.7
4.4
* 30
820
0.092
5.8
1.6
2.4
4.0
* 31
1000
0.102
5.5
1.5
2.2
3.7
* 32
1200
0.112
5.3
1.3
2.0
3.3


Similar Part No. - CTP4562-28

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4562-28 FILTRAN-CTP4562-28 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
More results

Similar Description - CTP4562-28

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com