Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR2M30P1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. SBR2M30P1
Description  2.0A SBR Surface Mount Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR2M30P1 Datasheet(HTML) 4 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBR2M30P1
Marking, Polarity, Weight & Ordering Information
Case Style
Marking
Weight
Top View
SBR2M30P1 Rev. 4 - 2
4 of 4
www.diodes.com
January 2007
© Diodes Incorporated
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
Back View
0.096g (approx.)
Ordering Information
Date Code
SBR2M30P1-7
3000/Tape & Reel
2M3 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
2M3


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SBR2A30P12.0A SBR Surface Mount Super Barrier Rectifier 1 2 3 4 Diodes Incorporated
SBR2A40P12.0A SBR Surface Mount Super Barrier Rectifier 1 2 3 4 Diodes Incorporated
MURA260T3Surface Mount Ultrafast Power Rectifier 1 2 3 4 ON Semiconductor
SS10PH9High Current Density Surface Mount High-Voltage Schottky Rectifier 1 2 3 4 5 Vishay Siliconix
MBRM120LSurface Mount Schottky Power Rectifier 1 2 3 4 5 ON Semiconductor
MXB-1001-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-2501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MVM302P083 000V Surface Mount Multiplier 1 2 Voltage Multipliers Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn