Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR2A40P1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. SBR2A40P1
Description  2.0A SBR Surface Mount Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR2A40P1 Datasheet(HTML) 3 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR2A40P1
Package Outline Drawings
PowerDI™123
PowerDI123
Dim
SBR2A40P1 Rev. 5 - 2
3 of 4
www.diodes.com
January 2007
© Diodes Incorporated
Min
Max
Typ
A
3.65
3.75
3.70
B
2.775 2.825
2.80
C
1.750 1.800 1.775
D
0.955 1.000
0.98
E
0.95
1.05
1.00
H
0.15
0.25
0.20
L
0.60
0.70
0.65
L1
1.36
L2
1.10
L3
0.20
L4
0.95
1.25
1.05
All Dimensions in mm


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SBR2A30P12.0A SBR Surface Mount Super Barrier Rectifier 1 2 3 4 Diodes Incorporated
MURA260T3Surface Mount Ultrafast Power Rectifier 1 2 3 4 ON Semiconductor
SS10PH9High Current Density Surface Mount High-Voltage Schottky Rectifier 1 2 3 4 5 Vishay Siliconix
MBRM120LSurface Mount Schottky Power Rectifier 1 2 3 4 5 ON Semiconductor
MXB-1001-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-2501-13HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MVM302P103 000V Surface Mount Multiplier 1 2 Voltage Multipliers Inc.
MURA205T3Surface Mount Ultrafast Power Rectifiers 1 2 3 4 ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn