Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2A40P1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR2A40P1
Description  2.0A SBR Surface Mount Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2A40P1 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR2A40P1 Datasheet HTML 1Page - Diodes Incorporated SBR2A40P1 Datasheet HTML 2Page - Diodes Incorporated SBR2A40P1 Datasheet HTML 3Page - Diodes Incorporated SBR2A40P1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR2A40P1
Electrical Characteristics @ TA = 25ºC unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
40
-
-
V
IR = 100 µA
Forward Voltage Drop
VF
-
-
-
-
-
-
0.265
0.38
0.45
0.17
0.325
0.42
0.315
0.43
0.50
0.22
0.375
0.47
V
IF = 0.1A, TJ = 25ºC
IF = 1.0A,TJ = 25ºC
IF = 2.0A,TJ = 25ºC
IF = 0.1A, TJ = 125ºC
IF = 1.0A,TJ = 125ºC
IF = 2.0A,TJ = 125ºC
Leakage Current (Note 5)
IR
-
8
16
1.3
2.1
40
100
8
10
µA
µA
mA
mA
VR = 5V, TJ = 25 ºC
VR = 40V, TJ = 25 ºC
VR = 5V, TJ = 125 ºC
VR = 40V, TJ = 125 ºC
Notes:
5. Short duration pulse test used to minimize self-heating effect.
SBR2A40P1 Rev. 5 - 2
2 of 4
www.diodes.com
January 2007
© Diodes Incorporated


Similar Part No. - SBR2A40P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A40P1-7 DIODES-SBR2A40P1-7 Datasheet
549Kb / 6P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2A40P1Q-7 DIODES-SBR2A40P1Q-7 Datasheet
549Kb / 6P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2A40P1 DIODES-SBR2A40P1_15 Datasheet
549Kb / 6P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR2A40P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
SBR2M30P1 DIODES-SBR2M30P1 Datasheet
333Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2M30P1 Rev. 4 - 2
SBR2U30SA DIODES-SBR2U30SA Datasheet
102Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
November 2011
SBR2U150SA DIODES-SBR2U150SA Datasheet
222Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
May 2013
SBR2U30P1 DIODES-SBR2U30P1 Datasheet
319Kb / 4P
   2.0A SBR Super Barrier Rectifier
SBR2U30P1 Rev. 4 - 2
SBR2A40SA DIODES-SBR2A40SA Datasheet
119Kb / 4P
   2.0A SBR SUPER BARRIER RECTIFIER SMA
DS31769 Rev. 2 - 2
SBR2A40BLP DIODES-SBR2A40BLP Datasheet
530Kb / 5P
   2.0A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR3M30P1 DIODES-SBR3M30P1 Datasheet
343Kb / 4P
   3.0A SBR Surface Mount Super Barrier Rectifier
SBR3M30P1 Rev. 4 - 2
SBR0240LP DIODES-SBR0240LP Datasheet
101Kb / 4P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31774 Rev. 3 - 2
SBR1U400P1 DIODES-SBR1U400P1_18 Datasheet
372Kb / 5P
   1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com