Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR2A30P1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. SBR2A30P1
Description  2.0A SBR Surface Mount Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR2A30P1 Datasheet(HTML) 2 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR2A30P1
Electrical Characteristics @ TA = 25ºC unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
30
-
-
V
IR = 250 µA
Forward Voltage Drop
VF
-
-
-
-
-
-
0.23
0.34
0.40
0.50
0.13
0.275
0.28
0.39
0.45
-
0.19
0.33
V
IF = 0.1A, TJ = 25ºC
IF = 1.0A,TJ = 25ºC
IF = 2.0A,TJ = 25ºC
IF = 4.0A, TJ = 125ºC
IF = 0.1A,TJ = 125ºC
IF = 1.0A,TJ = 125ºC
Leakage Current (Note 5)
IR
-
50
55
5
7
100
200
10
15
µA
µA
mA
mA
VR = 5V, TJ = 25 ºC
VR = 30V, TJ = 25 ºC
VR = 5V, TJ = 125 ºC
VR = 30V, TJ = 125 ºC
Notes:
5. Short duration pulse test used to minimize self-heating effect.
SBR2A30P1 Rev. 8 - 2
2 of 4
www.diodes.com
January 2007
© Diodes Incorporated


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MURA260T3Surface Mount Ultrafast Power Rectifier 1 2 3 4 ON Semiconductor
SS10PH9High Current Density Surface Mount High-Voltage Schottky Rectifier 1 2 3 4 5 Vishay Siliconix
MBRM120LSurface Mount Schottky Power Rectifier 1 2 3 4 5 ON Semiconductor
MXB-1001-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-0902-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
IRF9530NSPBFAdvanced Process Technology Surface Mount 1 2 3 4 5 MoreInternational Rectifier
MURA230T3Surface Mount Ultrafast Power Rectifiers 1 2 3 4 ON Semiconductor
IRHNA3160RADIATION HARDENED POWER MOSFET SURFACE MOUNT SMD-2 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn