Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR2A30P1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. SBR2A30P1
Description  2.0A SBR Surface Mount Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR2A30P1 Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR2A30P1
2.0A SBR
®
Surface Mount Super Barrier Rectifier
PowerDI™123
Features
Mechanical Data
Case: PowerDI™123
Case Material: Molded Plastic, “Green” Molding
compound. UL Flammability Classification Rating
94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Polarity Indicator: Cathode Band
Terminals: Finish - Matte Tin annealed over
Copper leadframe. Solderable per MIL-STD-202,
Method 208
Marking Information: See Page 4
Ordering Information: See Page 4
Low Forward Voltage Drop
Low Leakage Current
Superior Reverse Avalanche Capability
Excellent High Temperature Stability
Patented Interlocking Clip Design for High Surge Current
Capacity
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
±16KV ESD Protection (HBM, 3B)
±25KV ESD Protection (IEC61000-4-2 Level 4, Air Discharge)
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Molding Compound (No Br, Sb)
Qualified to AEC-Q 101 Standards for High Reliability
Maximum Ratings @ TA = 25ºC unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current (See Figure 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
75
A
Maximum Thermal Resistance
Thermal Resistance Junction to Soldering (Note 2)
Thermal Resistance Junction to Ambient (Note 3)
Thermal Resistance Junction to Ambient (Note 4)
RӨJS
RӨJA
RӨjA
5
175
100
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Notes:
1. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
2. Theoretical RӨJS calculated from the top center of the die straight down to the PCB cathode tab solder junction.
3. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
__________
SBR is a registered trademark of Diodes Incorporated.
SBR2A30P1 Rev. 8 - 2
1 of 4
www.diodes.com
January 2007
© Diodes Incorporated
PowerDI is a trademark of Diodes Incorporated.
SPICE MODEL: SBR2A30P1


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MURA260T3Surface Mount Ultrafast Power Rectifier 1 2 3 4 ON Semiconductor
SS10PH9High Current Density Surface Mount High-Voltage Schottky Rectifier 1 2 3 4 5 Vishay Siliconix
MBRM120LSurface Mount Schottky Power Rectifier 1 2 3 4 5 ON Semiconductor
MXB-1001-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-0902-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
IRF9530NSPBFAdvanced Process Technology Surface Mount 1 2 3 4 5 MoreInternational Rectifier
MURA230T3Surface Mount Ultrafast Power Rectifiers 1 2 3 4 ON Semiconductor
IRHNA3160RADIATION HARDENED POWER MOSFET SURFACE MOUNT SMD-2 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn