Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PMB6625 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. PMB6625
Description  Transceiver for Bluetooth FH-SS 2.4 GHz Systems
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PMB6625 Datasheet(HTML) 1 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P-TSSOP-38-1
Infineon Technologies AG
01.01
Transceiver for Bluetooth FH-SS 2.4 GHz Systems
PMB 6625/27
BiCMOS IC
Overview
• Bluetooth Transveiver for the 2.4 GHz ISM Band
(RF range 2378-2497 MHz)
• Part of complete Infineon Bluetooth
chipset solution
• Completely integrated receiver with outstanding
RF performance:
best in class sensitivity and blocking
• Low current consumption
• No external IF filters or RF filters necessary
• B6HFC BiCMOS technology, 25 GHz ft
• fully balanced self adjusting VCO with integrated
varactor diodes for receive and transmit mode
• Prescaler and PLL on-chip with 1 MHz charge pump reference frequency
• Supply voltage regulators for the VCO and the analogue part
• Internal current reference for PLL charge pump to get constant lock-in time
• Small outline P-TSSOP-38 package (PMB 6625) or
very small VQFN 40 package (PMB6627)
• low-if receiver topology solution
Benefits:
+ no IF SAW-filter necessary or RF ceramic filter necessary
+ reduced component count
• 2.5 GHz RF Power amplifier included, output power adjustable with external resistor,
Benefits:
+ No external PA necessary for Bluetooth power class 2 operation
+ direct interface to power class 1 PA via small matching circuits
+ reduced RF front end component count
• On-chip LNA for optimum sensitivity and blocking
• 70 dB RSSI dynamic range, high stability
• Data Slicer including specialized offset compensation or analogue output
Type
Ordering Code
Package
PMB 6625
P-TSSOP-38
PMB 6627
VQFN 40


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn