Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBFJ271 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBFJ271
Description  P-Channel Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBFJ271 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBFJ271 Datasheet HTML 1Page - Fairchild Semiconductor MMBFJ271 Datasheet HTML 2Page - Fairchild Semiconductor MMBFJ271 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MMBFJ271 Rev. A
tm
June 2006
MMBFJ271
P-Channel Switch
Features
• This device is designed for low level analog switching sample and hold
circuits and chopper stabilized amplifiers.
• Sourced from process 88.
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
- These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Thermal Characteristics
Note2 : Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics (Note3)
On Characteristics (Note3)
Note3 : Short duration test pulse used to minimize self-heating effect
.
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
-30
V
VGS
Gate-Source Voltage
30
V
IGF
Forward Gate Current
50
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 ~ 150
°C
Symbol
Parameter
Value
Units
PD
Total Device Dissipation
Derate above 25
°C
225
1.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
556
°C/W
Symbol
Parameter
Test Condition
MIN
MAX
Units
V(BR)GSS
Gate-Source Breakdwon Voltage
IG = 1.0µA, VDS = 0
30
V
IGSS
Gate Reverse Current
VGS = 20V, VDS = 0
200
pA
VGS(off)
Gate-Source Cutoff Voltage
VDS = -15V, ID = -1.0nA
1.5
4.5
V
IDSS
Zero-Gate Voltage Drain Current *
VDS = -15V, VGS = 0
-6.0
-50
mA
gfs
Forward Transferconductance
VGS = 0V, VDS = 15V, f = 1.0kHz
8000
18000
µmhos
goss
Common- Source Output Conduc-
tance
VGS = 0V, VDS = 15V, f = 1.0kHz
500
µmhos
Mark : 62T
D
S
G
SOT-23


Similar Part No. - MMBFJ271

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
46Kb / 3P
   P-Channel Switch
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
408Kb / 5P
   P-Channel Switch
logo
Pan Jit International I...
MMBFJ270 PANJIT-MMBFJ270 Datasheet
198Kb / 5P
   P-CHANNEL SWITCH
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270_08 Datasheet
408Kb / 5P
   P-Channel Switch
More results

Similar Description - MMBFJ271

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J270 FAIRCHILD-J270 Datasheet
27Kb / 3P
   P-Channel Switch
P1087 FAIRCHILD-P1087 Datasheet
26Kb / 3P
   P-Channel Switch
P1086 FAIRCHILD-P1086 Datasheet
26Kb / 3P
   P-Channel Switch
J174 FAIRCHILD-J174_01 Datasheet
728Kb / 12P
   P-Channel Switch
logo
Pan Jit International I...
MMBFJ270 PANJIT-MMBFJ270 Datasheet
198Kb / 5P
   P-CHANNEL SWITCH
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
46Kb / 3P
   P-Channel Switch
J271 FAIRCHILD-J271 Datasheet
27Kb / 3P
   P-Channel Switch
J174 FAIRCHILD-J174 Datasheet
58Kb / 5P
   P-Channel Switch
logo
ON Semiconductor
J175 ONSEMI-J175 Datasheet
341Kb / 8P
   P-Channel Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270_08 Datasheet
408Kb / 5P
   P-Channel Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com