Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TEP4532 Datasheet(PDF) 1 Page - Filtran LTD

Part No. TEP4532
Description  Audio Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRAN [Filtran LTD]
Homepage  http://www.filtran.com
Logo 

TEP4532 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Audio
Matching Transformer
TEP4532
TEP4532 is a 1 : 1 line matching
transformer with the following fea-
tures.
Low profile.
Small volume.
Conforming to FCC part 68
and Canadian CS 03.
Split secondary windings to
enable center tapped current
feed.
Applications:
Interfacing equipment to tele-
phone line when small size and
high insulation voltage is re-
quired.
Impedance
Ohms
600 : 600
150/150 : 150/150
Winding Resistance
pin 1 - 4
54.5
54.5
pin 5 - 6
26.6
26.6
pin 7 - 8
26.6
26.6
Insertion Loss
1000 Hz
< 1.0 dB
< 1.0 dB
Frequency Response
200 - 3500 Hz
< 0.25 dB
< 0.25 dB
Longitudinal Balance
200 - 3500 Hz
> 65 dB
> 65 dB
Return loss
200 - 3500 Hz
>15 dB
>15 dB
Dielectric Strength
Pri to Sec
1500 Vrms
1500 Vrms
DRILL 0.040
8 PLACES
GRID 0.10 x 0.10
WHITE DOT
0.45 MAX
85
14
DIA 0.025
0.10 MIN
DIMENSIONS ARE
IN INCHES
0.50 MAX
0.50
MAX
TEW4532
Filtran Limited
229 Colonnade Road, Nepean, Ontario, K2E 7K3, Canada
7-13
Tel:(613)226-1626, Fax:(613)226-7124
MECHANICAL
TEW4532-1
4
1
5
6
7
8
4
3
2
1
5
6
7
8
ELECTRICAL
TEP4532
TEP4532-1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn