Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBD352LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MMBD352LT1
Description  Dual Hot Carrier Mixer Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MMBD352LT1 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD352LT1 MMBD353LT1 MMBD354LT1 MMBD355LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
Figure 1. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 2. Capacitance
0.7
0.8
0.3
0.4
0.5
0.6
TA = 85°C
TA = –40°C
TA = 25°C
VR, REVERSE VOLTAGE (VOLTS)
0
1.0
0.9
0.8
0.6
0.7
1.0
2.0
3.0
4.0


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
C10P40FRFRD / Dual Diodes - Anode Common 1 2 Nihon Inter Electronics Corporation
BA892V-04WBand Switching Diodes - Dual Series in SOT-323 1 2 3 4 5 Vishay Siliconix
MUR3010PT15A 100V - 200V Ultrafast Dual Diodes 1 2 3 Harris Corporation
TPS2363PCIExpress Server Dual Slot Hot Plug Controller 1 2 3 4 5 MoreTexas Instruments
IR3C01Laser Diodes Driver IC 1 2 3 4 Sharp Electrionic Components
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADATE205250 MHz Dual DCL 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn