Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBD352LT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MMBD352LT1
Description  Dual Hot Carrier Mixer Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MMBD352LT1 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Dual Hot Carrier Mixer Diodes
These devices are designed primarily for UHF mixer applications but are suitable
also for use in detector and ultra–fast switching circuits.
• Very Low Capacitance — Less Than 1.0 pF @ Zero Volts
• Low Forward Voltage — 0.5 Volts (Typ) @ IF = 10 mA
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
7.0
VCC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD352LT1 = M5G; MMBD353LT1 = M4F; MMBD354LT1 = M6H; MMBD355LT1 = MJ1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symb
ol
Min
Max
Unit
OFF CHARACTERISTICS
Forward Voltage
(IF = 10 mAdc)
VF
0.60
V
Reverse Voltage Leakage Current
(VR = 3.0 V)
(VR = 7.0 V)
IR
0.25
10
mA
Capacitance
(VR = 0 V, f = 1.0 MHz)
C
1.0
pF
1. FR– 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by MMBD352LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBD352LT1
MMBD353LT1
MMBD354LT1
MMBD355LT1
1
2
3
MMBD352LT1
CASE 318 – 08, STYLE 11
SOT– 23 (TO – 236AB)
1
ANODE
3
CATHODE/ANODE
2
CATHODE
MMBD353LT1
CASE 318 – 08, STYLE 19
SOT– 23 (TO – 236AB)
1
CATHODE
3
CATHODE/ANODE
2
ANODE
MMBD354LT1
CASE 318 – 08, STYLE 9
SOT– 23 (TO – 236AB)
3
CATHODE
2
ANODE
ANODE
1
ANODE
3
CATHODE
1
2
CATHODE
MMBD355LT1
CASE 318 – 08, STYLE 12
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1997
REV 2


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
C10P40FRFRD / Dual Diodes - Anode Common 1 2 Nihon Inter Electronics Corporation
BA892V-04WBand Switching Diodes - Dual Series in SOT-323 1 2 3 4 5 Vishay Siliconix
MUR3010PT15A 100V - 200V Ultrafast Dual Diodes 1 2 3 Harris Corporation
TPS2363PCIExpress Server Dual Slot Hot Plug Controller 1 2 3 4 5 MoreTexas Instruments
IR3C01Laser Diodes Driver IC 1 2 3 4 Sharp Electrionic Components
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADATE205250 MHz Dual DCL 1 2 3 4 5 MoreAnalog Devices
CS5421Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn