Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4552-09 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4552-09
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4552-09 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4552-09 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4552
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-1
CTP4552 is a medium current inductor with the following data and features:
• Core type:
0.50” o.d., Moly-Permalloy
Powder, perm 60.
• Power rating: 0.50 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
0.62
0.30
0.80
1.00
0.78
0.25
0.60
0.67
0.75
0.62
0.35
Thread
#4-40
2.00
0.50
0.65
0.75
0.30
0.45
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4552, Style 1, 56uH.
Order: CTP4552 - 116
* 01
3.3
0.006
9.3
8.1
13.5
22.5
* 02
3.9
0.006
8.9
7.4
12.4
20.7
* 03
4.7
0.007
8.6
6.8
11.3
18.8
* 04
5.6
0.007
8.2
6.2
10.3
17.2
* 05
6.8
0.008
7.9
5.6
9.4
15.6
* 06
8.2
0.009
7.5
5.1
8.5
14.2
* 07
10
0.010
7.2
4.6
7.7
12.9
* 08
12
0.011
6.9
4.2
7.1
11.8
* 09
15
0.012
6.5
3.8
6.3
10.5
* 10
18
0.013
6.2
3.5
5.8
9.6
* 11
22
0.014
5.9
3.1
5.2
8.7
* 12
27
0.016
5.6
2.8
4.7
7.9
* 13
33
0.017
5.4
2.6
4.3
7.1
* 14
39
0.019
5.2
2.4
3.9
6.5
* 15
47
0.026
4.4
2.1
3.6
6.0
* 16
56
0.036
3.7
2.0
3.3
5.5
* 17
68
0.050
3.2
1.8
3.0
4.9
* 18
82
0.069
2.7
1.6
2.7
4.5
* 19
100
0.076
2.6
1.5
2.4
4.1
* 20
120
0.083
2.5
1.3
2.2
3.7
* 21
150
0.093
2.3
1.2
2.0
3.3
* 22
180
0.101
2.2
1.1
1.8
3.0
* 23
220
0.141
1.9
1.0
1.7
2.8
* 24
270
0.198
1.6
0.9
1.5
2.5
Part No.
Inductance
DCR
Rated Current
I (amp.)
I (amp.)
I (amp.)
CTP4552 -
(uH)
Ohms
Amp. RMS
@ Lsat. 10%
@ Lsat. 25%
@ Lsat. 50%


Similar Part No. - CTP4552-09

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-01 FILTRAN-CTP4550-01 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-02 FILTRAN-CTP4550-02 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-03 FILTRAN-CTP4550-03 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-04 FILTRAN-CTP4550-04 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
More results

Similar Description - CTP4552-09

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com