Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4554-05 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4554-05
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4554-05 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4554-05 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4554
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-3
CTP4554 is a medium current inductor with the following data and features:
• Core type:
0.80” o.d., Moly-Permalloy
Powder, perm 60.
• Power rating: 1.2 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
1.00
0.40
0.80
1.00
1.10
0.25
0.60
0.67
0.75
1.00
0.46
Thread
#6-32
2.00
0.50
0.85
1.05
0.45
0.60
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4554, Style 1, 56uH.
Order: CTP4554 - 116
* 01
3.3
0.005
16.2
14.4
23.9
39.9
* 02
3.9
0.005
15.5
13.2
22.0
36.7
* 03
4.7
0.005
14.9
12.0
20.1
33.4
* 04
5.6
0.006
14.3
11.0
18.4
30.6
* 05
6.8
0.006
13.6
10.0
16.7
27.8
* 06
8.2
0.007
13.0
9.1
15.2
25.3
* 07
10
0.008
12.4
8.2
13.7
22.9
* 08
12
0.009
11.9
7.5
12.5
20.9
* 09
15
0.009
11.2
6.7
11.2
18.7
* 10
18
0.010
10.8
6.1
10.2
17.1
* 11
22
0.011
10.2
5.6
9.3
15.4
* 12
27
0.013
9.7
5.0
8.4
13.9
* 13
33
0.018
8.3
4.5
7.6
12.6
* 14
39
0.024
7.1
4.2
7.0
11.6
* 15
47
0.026
6.8
3.8
6.3
10.6
* 16
56
0.029
6.5
3.5
5.8
9.7
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4554 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4554 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.032
6.2
3.2
5.3
8.8
* 18
82
0.035
5.9
2.9
4.8
8.0
* 19
100
0.038
5.6
2.6
4.3
7.2
* 20
120
0.042
5.4
2.4
4.0
6.6
* 21
150
0.047
5.1
2.1
3.5
5.9
* 22
180
0.064
4.3
1.9
3.2
5.4
* 23
220
0.090
3.6
1.8
2.9
4.9
* 24
270
0.125
3.1
1.6
2.6
4.4
* 25
330
0.138
2.9
1.4
2.4
4.0
* 26
390
0.190
2.5
1.3
2.2
3.7
* 27
470
0.208
2.4
1.2
2.0
3.3
* 28
560
0.227
2.3
1.1
1.8
3.1


Similar Part No. - CTP4554-05

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-01 FILTRAN-CTP4550-01 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-02 FILTRAN-CTP4550-02 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-03 FILTRAN-CTP4550-03 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-04 FILTRAN-CTP4550-04 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
More results

Similar Description - CTP4554-05

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com