Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJLXT971ALCA4 Datasheet(PDF) 50 Page - Intel Corporation

Part # DJLXT971ALCA4
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJLXT971ALCA4 Datasheet(HTML) 50 Page - Intel Corporation

Back Button DJLXT971ALCA4 Datasheet HTML 46Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 47Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 48Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 49Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 50Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 51Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 52Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 53Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
50
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 23. Typical Twisted-Pair Interface - NIC
TPFIP
TPFIN
* = 0.001
µF / 2.0 kV
1:1
LXT971A
1:1
1
TPFOP
TPFON
VCCA
GND
0.1
µF
.01
µF
2
270 pF 5%
270 pF 5%
0.01
µF
50
Ω 1%
50
Ω 1%
**
3
SD/TP
6
3
8
7
5
4
1
2
50
50
50
RJ-45
50
50
50
4
0.1
µF
1. Center-tap current may be supplied from 3.3 V VCCA as shown. Additional power savings may
be realized by supplying the center-tap from a 2.5 V current source. A separate ferrite bead
(rated at 50 mA) should be used to supply center-tap current.
2. The 100
Ω transmit load termination resistor typically required is integrated in the LXT971A.
3. Magnetics without a receive pair center-tap do not require a 2 kV termination.
4. RJ-45 connections shown for standard NIC. TX/RX crossover may be required for repeater and
switch applications.


Similar Part No. - DJLXT971ALCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJLXT972MBAA4 INTEL-DJLXT972MBAA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MBCA4 INTEL-DJLXT972MBCA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MBEA4 INTEL-DJLXT972MBEA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MCAA4 INTEL-DJLXT972MCAA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MCCA4 INTEL-DJLXT972MCCA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
More results

Similar Description - DJLXT971ALCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT972A INTEL-LXT972A Datasheet
833Kb / 70P
   3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
   3.3V 10/100 Fast Ethernet Transceiver to MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com