Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJLXT971ALCA4 Datasheet(PDF) 29 Page - Intel Corporation

Part # DJLXT971ALCA4
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJLXT971ALCA4 Datasheet(HTML) 29 Page - Intel Corporation

Back Button DJLXT971ALCA4 Datasheet HTML 25Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 26Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 27Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 28Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 29Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 30Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 31Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 32Page - Intel Corporation DJLXT971ALCA4 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
29
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.4.3.2
Software Power Down
Software power-down control is provided by Register bit 0.11 in the Control Register (refer to
Table 43 on page 74). During soft power-down, the following conditions are true:
The network port is shut down.
The MDIO registers remain accessible.
3.4.3.3
Sleep Mode
The LXT971A supports a power-saving sleep mode. Sleep mode is enabled when SLEEP is
asserted via pin 32(LQFP)/H7(PBGA). The value of pin 32/H7 can be overridden by Register bit
16.6 when in managed mode as shown in Table 4 on page 18. The LXT971A enters into sleep
mode when SLEEP is enabled and no energy is detected on the twisted-pair input for 1-3 seconds
(the time is controlled by Register bits 16.4:3 in the Configuration Register, with a default of 3.04
seconds).
During this mode, the LXT971A still responds to management transactions (MDC/MDIO). In this
mode the power consumption is minimized, and the supply current is reduced below the maximum
value given in Table 18 on page 56. If the LXT971A detects activity on the twisted-pair inputs, it
comes out of the sleep state and check for link. If no link is detected in 1-3 seconds
(programmable) it reverts back to the low power sleep state.
Note: Sleep Mode is not functional in fiber network applications.
3.4.4
Reset
The LXT971A provides both hardware and software resets. Configuration control of auto-
negotiation, speed, and duplex mode selection is handled differently for each. During a hardware
reset, auto-negotiation and speed configuration settings are read in from pins (refer to Table 9 on
page 30 for pin settings and to Table 43 on page 74 for register bit definitions).
During a software reset (0.15 = 1), these bit settings are not re-read from the pins. They revert back
to the values that were read in during the last hardware reset. Therefore, any changes to pin values
made since the last hardware reset is not detected during a software reset.
During a hardware reset, register information is unavailable for 1 ms after de-assertion of the reset.
During a software reset (0.15 = 1) the registers are available for reading. The reset bit should be
polled to see when the part has completed reset (0.15 = 0).


Similar Part No. - DJLXT971ALCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJLXT972MBAA4 INTEL-DJLXT972MBAA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MBCA4 INTEL-DJLXT972MBCA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MBEA4 INTEL-DJLXT972MBEA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MCAA4 INTEL-DJLXT972MCAA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
DJLXT972MCCA4 INTEL-DJLXT972MCCA4 Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
More results

Similar Description - DJLXT971ALCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT972A INTEL-LXT972A Datasheet
833Kb / 70P
   3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
   3.3V 10/100 Fast Ethernet Transceiver to MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com