Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4556 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4556
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4556 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4556 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4556
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-5
CTP4556 is a medium current inductor with the following data and features:
Core type:
1.30” o.d., Moly-Permalloy
Powder, perm 60.
• Power rating: 3.13 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Three mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
Style 1
Style 2
Style 3
1.60
0.75
0.80
1.00
1.60
0.60
0.90
0.80
1.60
1.80
0.80
Thread
#10-32
2.00
0.50
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4556, Style 1, 56uH.
Order: CTP4556 - 116
* 01
3.3
0.002
37.7
31.7
52.9
88.2
* 02
3.9
0.002
36.2
29.2
48.7
81.1
* 03
4.7
0.003
34.7
26.6
44.3
73.9
* 04
5.6
0.003
33.2
24.4
40.6
67.7
* 05
6.8
0.003
31.7
22.1
36.9
61.4
* 06
8.2
0.003
30.3
20.1
33.6
55.9
* 07
10
0.004
28.9
18.2
30.4
50.7
* 08
12
0.004
27.6
16.6
27.7
46.2
* 09
15
0.005
26.2
14.9
24.8
41.4
* 10
18
0.005
25.0
13.6
22.7
37.8
* 11
22
0.006
23.8
12.3
20.5
34.2
* 12
27
0.006
22.7
11.1
18.5
30.8
* 13
33
0.008
19.2
10.0
16.7
27.9
* 14
39
0.012
16.4
9.2
15.4
25.6
* 15
47
0.013
15.7
8.4
14.0
23.4
* 16
56
0.014
15.0
7.7
12.8
21.4
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4556 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4556 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.015
14.3
7.0
11.7
19.4
* 18
82
0.017
13.6
6.4
10.6
17.7
* 19
100
0.023
11.6
5.8
9.6
16.0
* 20
120
0.032
9.9
5.3
8.8
14.6
* 21
150
0.036
9.3
4.7
7.8
13.1
* 22
180
0.039
8.9
4.3
7.2
11.9
* 23
220
0.044
8.5
3.9
6.5
10.8
* 24
270
0.048
8.1
3.5
5.8
9.7
* 25
330
0.053
7.7
3.2
5.3
8.8
* 26
390
0.058
7.4
2.9
4.9
8.1
* 27
470
0.080
6.3
2.7
4.4
7.4
* 28
560
0.110
5.3
2.4
4.1
6.8
* 29
680
0.121
5.1
2.2
3.7
6.1
* 30
820
0.133
4.9
2.0
3.4
5.6
* 31
1000
0.147
4.6
1.8
3.0
5.1
* 32
1200
0.161
4.4
1.7
2.8
4.6
.20
0.050


Similar Part No. - CTP4556

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-01 FILTRAN-CTP4550-01 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-02 FILTRAN-CTP4550-02 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-03 FILTRAN-CTP4550-03 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-04 FILTRAN-CTP4550-04 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
More results

Similar Description - CTP4556

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com