Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7N0608LD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H7N0608LD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0608LD Datasheet(HTML) 3 Page - Renesas Technology Corp

  H7N0608LD Datasheet HTML 1Page - Renesas Technology Corp H7N0608LD Datasheet HTML 2Page - Renesas Technology Corp H7N0608LD Datasheet HTML 3Page - Renesas Technology Corp H7N0608LD Datasheet HTML 4Page - Renesas Technology Corp H7N0608LD Datasheet HTML 5Page - Renesas Technology Corp H7N0608LD Datasheet HTML 6Page - Renesas Technology Corp H7N0608LD Datasheet HTML 7Page - Renesas Technology Corp H7N0608LD Datasheet HTML 8Page - Renesas Technology Corp H7N0608LD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
H7N0608LD, H7N0608LS, H7N0608LM
Rev.1.00, Oct.30.2003, page 3 of 11
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
60
V
ID = 10 mA, VGS = 0
Gate to source breakdown Voltage V(BR)GSS
±20
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
——
±10
µAVGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
——10
µAVDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.5
2.5
V
ID = 1 mA, VDS = 10 V
Note1
Static drain to source on state
RDS(on)
—6.0
8.0
m
ID = 35 A, VGS = 10 V
Note1
resistance
8.0
12
m
ID = 35 A, VGS = 4.5 V
Note1
Forward transfer admittance
|yfs|
4575—
S
ID = 35 A, VGS = 10 V
Note1
Input capacitance
Ciss
6200
pF
VDS = 10 V
Output capacitance
Coss
680
pF
VGS = 0
Reverse transfer capacitance
Crss
350
pF
f = 1 MHz
Total gate charge
Qg
100
nC
VDD = 25 V
Gate to source charge
Qgs
20
nC
VGS = 10 V
Gate to drain charge
Qgd
20
nC
ID = 70 A
Turn-on delay time
td(on)
—45
ns
VGS = 10 V, ID = 35 A
Rise time
tr
220
ns
RL = 0.86
Turn-off delay time
td(off)
125
ns
Rg = 4.7
Fall time
tf
—35
ns
Body–drain diode forward voltage VDF
—0.94
V
IF = 70 A, VGS = 0
Body–drain diode reverse
recovery time
trr
—40
ns
IF = 70 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 1. Pulse test


Similar Part No. - H7N0608LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
143Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD_15 Datasheet
143Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N0608LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com