Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114GUA Datasheet(PDF) 1 Page - Rohm

Part # DTC114GUA
Description  Digital Transistors (Built-in Resistor)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114GUA Datasheet(HTML) 1 Page - Rohm

  DTC114GUA Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(94S-510-A114G)
(94S-629-C114G)
468
Transistors
DTA114GE / DTA114GUA / DTA114GKA / DTA114GSA
Transistors
DTC114GUA / DTC114GKA / DTC114GSA


Similar Part No. - DTC114GUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114GUA ROHM-DTC114GUA Datasheet
48Kb / 3P
   Digital transistors (built-in resistor)
DTC114GUA ROHM-DTC114GUA Datasheet
140Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTC114GUA ROHM-DTC114GUA Datasheet
901Kb / 6P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC114GUA ROHM-DTC114GUA Datasheet
901Kb / 6P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC114GUA ROHM-DTC114GUA Datasheet
893Kb / 7P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC114GUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com