Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8507 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS8507
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS8507 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
-40 -25 -10
5
20
35
50 65 80
95 110 125
T
-Free-AirTemperature-ºC
A
4
4.5
5
5.5
6
-40 -25 -10
5
20 35
50
65
80
95 110 125
T
-Free-AirTemperature-ºC
A
4
4.5
5
5.5
6
10
20
30
40
SamplingFrequency-kHz
-2
-1
0
1
2
3
-45 -30 -15 0
15 30 45 60 75 90 105 120
T
-Free-AirTemperature-ºC
A
20VBipolarRange
0
0.05
0.1
0.15
0.2
T
-Free-AirTemperature-ºC
A
-45 -30 -15 0
15 30 45 60 75 90 105 120
20VBipolarRange
-0.2
-0.15
-0.1
-0.05
0
T
-Free-AirTemperature-ºC
A
-45 -30 -15 0
15 30 45 60 75 90 105 120
20VBipolarRange
ADS8507
SLAS381 – DECEMBER 2006
Table 1. Input Range Connections (see Figure 42 and Figure 43)
ANALOG INPUT
CONNECT R1IN VIA 200 Ω TO
CONNECT R2IN VIA 100 Ω TO
IMPEDANCE
RANGE
±10 V
VIN
CAP
45.7 k
0 V to 5 V
AGND
VIN
20.0 k
0 V to 4 V
VIN
VIN
21.4 k
POWER SUPPLY CURRENT
INTERNAL REFERENCE
POWER SUPPLY CURRENT
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SAMPLING FREQUENCY
Figure 1.
Figure 2.
Figure 3.
BIPOLAR POSITIVE FULL-SCALE
BIPOLAR NEGATIVE FULL-SCALE
BIPOLAR OFFSET ERROR
ERROR
ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
6
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn