Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4408-12 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4408-12
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4408-12 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4408-12 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4408
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
32-3
* 01
3.3
0.006
13.9
6.2
12.4
24.9
* 02
3.9
0.007
13.4
5.7
11.4
22.9
* 03
4.7
0.007
12.8
5.2
10.4
20.9
* 04
5.6
0.008
12.3
4.8
9.6
19.1
* 05
6.8
0.009
11.7
4.3
8.7
17.3
* 06
8.2
0.010
11.2
3.9
7.9
15.8
* 07
10
0.010
10.7
3.6
7.1
14.3
* 08
12
0.011
10.2
3.3
6.5
13.1
* 09
15
0.013
9.7
2.9
5.8
11.7
* 10
18
0.014
9.3
2.7
5.3
10.7
* 11
22
0.015
8.8
2.4
4.8
9.6
* 12
27
0.017
8.4
2.2
4.4
8.7
* 13
33
0.019
8.0
2.0
3.9
7.9
* 14
39
0.020
7.7
1.8
3.6
7.2
* 15
47
0.022
7.3
1.6
3.3
6.6
* 16
56
0.024
7.0
1.5
3.0
6.0
* 17
68
0.034
6.0
1.4
2.7
5.5
* 18
82
0.047
5.1
1.2
2.5
5.0
* 19
100
0.052
4.8
1.1
2.3
4.5
* 20
120
0.071
4.1
1.0
2.1
4.1
* 21
150
0.100
3.5
0.9
1.8
3.7
* 22
180
0.138
2.9
0.8
1.7
3.4
* 23
220
0.193
2.5
0.8
1.5
3.0
* 24
270
0.267
2.1
0.7
1.4
2.8
Part No.
Inductance
DCR
Rated Current
I (amp.)
I (amp.)
I (amp.)
CTP4408 -
(uH)
Ohms
Amp. RMS
@ Lsat. 10%
@ Lsat. 25%
@ Lsat. 50%
CTP4408 is a medium current inductor with the following data and features:
• Core type:
0.80” o.d., Iron Powder,
perm 75.
• Power rating: 1.2 watts for temp.
rise 50˚C.
• Typical applications:
Input and output filters
in Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
1.00
0.40
0.80
1.00
1.10
0.25
0.60
0.67
0.75
1.00
0.46
Thread
#6-32
2.00
0.50
0.85
1.05
0.45
0.60
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4408, Style 1, 56uH.
Order: CTP4408 - 116


Similar Part No. - CTP4408-12

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4406 FILTRAN-CTP4406 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-01 FILTRAN-CTP4406-01 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-01 FILTRAN-CTP4406-01 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-02 FILTRAN-CTP4406-02 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-02 FILTRAN-CTP4406-02 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results

Similar Description - CTP4408-12

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com