Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEP4738 Datasheet(PDF) 1 Page - Filtran LTD

Part # CEP4738
Description  Common Mode Inductors Horizontal PCB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CEP4738 Datasheet(HTML) 1 Page - Filtran LTD

  CEP4738 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Inductors Horizontal PCB CEP4738
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
34-3
CEP4738 is a Common Mode Inductor for Switch Mode Power Supplies.
• Inductance range: 0.33 to 82 mH.
• Rated current range: 12.8 to 1.5 Amp.
• Split bobbins for increased dielectric strength (4000 V RMS).
• CSA listed (LR 47366) and U.L. recognized (E100878).
2
* 01
0.33
0.010
12.8
* 02
0.39
0.011
12.3
* 03
0.47
0.012
11.7
* 04
0.56
0.013
11.2
* 05
0.68
0.014
10.7
* 06
0.82
0.016
10.2
* 07
1.0
0.017
9.7
* 08
1.2
0.019
9.3
* 09
1.5
0.021
8.8
* 10
1.8
0.029
7.5
* 11
2.2
0.032
7.1
* 12
2.7
0.045
6.0
* 13
3.3
0.050
5.7
* 14
3.9
0.054
5.5
* 15
4.7
0.075
4.7
Part No.
Ind.
DCR
Rated
CEP4738 -
(mH) Min.
Ohms Max.
Current Amp.
Part No.
Ind.
DCR
Rated
CEP4738 -
(mH) Min.
Ohms Max.
Current Amp.
* 16
5.6
0.081
4.5
* 17
6.8
0.12
3.8
* 18
8.2
0.13
3.6
* 19
10
0.14
3.4
* 20
12
0.19
2.9
* 21
15
0.21
2.8
* 22
18
0.30
2.4
* 23
22
0.33
2.2
* 24
27
0.45
2.2
* 25
33
0.50
1.8
* 26
39
0.54
1.7
* 27
47
0.75
1.5
* 28
56
0.82
1.4
* 29
68
1.14
1.2
* 30
82
1.26
1.5
P/N
L
W
H
A
C
D
S
CEP4738
1.62
1.38
1.19
0.60
0.95 0.135
0.025 SQ
Dimensions, Inches
5
11
8
8
11
5
2


Similar Part No. - CEP4738

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CEP4736 FILTRAN-CEP4736 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-01 FILTRAN-CEP4736-01 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-02 FILTRAN-CEP4736-02 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-03 FILTRAN-CEP4736-03 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-04 FILTRAN-CEP4736-04 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
More results

Similar Description - CEP4738

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CEP4736 FILTRAN-CEP4736 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4737 FILTRAN-CEP4737 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4748 FILTRAN-CEP4748 Datasheet
47Kb / 1P
   Common Mode Inductors Horizontal PCB
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com