Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4732-20 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4732-20
Description  Power Transformers PCB Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4732-20 Datasheet(HTML) 1 Page - Filtran LTD

  4732-20 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
VERTICAL PCB SERIES Power Transformers for
printed circuit mounting.
· Four sizes: 1.2 VA, 4.4 VA, 10 VA and
24VA ratings.
· Split bobbins for increased dielectric
strength (1500 V RMS).
· 115/230 volts, 60/50 Hz primary windings.
· CSA listed (LR 47366) and
U.L. recognized (E100878).
MECHANICAL
ELECTRICAL SPECIFICATION
4731-05
1.2
5
0.240
10
0.120
4731-06
1.2
6.3
0.200
12.6
0.100
4731-08
1.2
8
0.160
16
0.080
4731-10
1.2
10
0.120
20
0.060
4731-12
1.2
12
0.100
24
0.050
4731-14
1.2
14
0.080
28
0.040
4731-17
1.2
17
0.070
34
0.035
4731-20
1.2
20
0.060
40
0.030
4731-28
1.2
28
0.040
56
0.020
4731-60
1.2
60
0.020
120
0.010
4732-05
4.4
5
0.880
10
0.440
4732-06
4.4
6.3
0.700
12.6
0.350
4732-08
4.4
8
0.540
16
0.270
4732-10
4.4
10
0.440
20
0.220
4732-12
4.4
12
0.360
24
0.180
4732-14
4.4
14
0.320
28
0.160
4732-17
4.4
17
0.250
34
0.125
4732-20
4.4
20
0.220
40
0.110
4732-28
4.4
28
0.160
56
0.080
4732-60
4.4
60
0.070
120
0.035
4733-05
10
5
2.000
10
1.000
4733-06
10
6.3
1.600
12.6
0.800
4733-08
10
8
1.240
16
0.620
4733-10
10
10
1.000
20
0.500
4733-12
10
12
0.900
24
0.450
4733-14
10
14
0.720
28
0.360
4733-17
10
17
0.600
34
0.300
4733-20
10
20
0.500
40
0.250
4733-28
10
28
0.360
56
0.180
4733-60
10
60
0.170
120
0.085
4734-05
24
5
4.800
10
2.400
4734-06
24
6.3
4.000
12.6
2.000
4734-08
24
8
3.000
16
1.500
4734-10
24
10
2.400
20
1.200
4734-12
24
12
2.000
24
1.000
4734-14
24
14
1.600
28
0.800
4734-17
24
17
1.400
34
0.700
4734-20
24
20
1.200
40
0.600
4734-28
24
28
0.840
56
0.420
4734-60
24
60
0.400
120
0.200
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
DIMENSIONS
PIN SPACING
MOUNTING TABS
P/N
L
W
H
A
B
THK
W
L
4731
1.46
1.19
1.22
1.00
0.20
0.030
0.125
0.20
4732
1.74
1.25
1.45
1.10
0.25
0.030
0.125
0.20
4733
1.98
1.44
1.72
1.30
0.25
0.030
0.190
0.20
4734
1.63
2.25
1.38
2.10
0.25
N/A
Dimensions, Inches
Power Transformers
PCB Type
4731 - 4734
60/50 Hz


Similar Part No. - 4732-20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4732 SCHURTER-4732 Datasheet
405Kb / 3P
   IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732 SCHURTER-4732 Datasheet
278Kb / 3P
   IEC Connector C15 for hot conditions, Rewireable, Angled
4732 SCHURTER-4732 Datasheet
332Kb / 4P
   IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732 SCHURTER-4732 Datasheet
332Kb / 4P
   IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
10.12.2021
4732.0000 SCHURTER-4732.0000 Datasheet
332Kb / 4P
   IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
More results

Similar Description - 4732-20

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SP-35E SUPERWORLD-SP-35E Datasheet
125Kb / 1P
   Power Transformers - Bracket TUV Type
SP-35A SUPERWORLD-SP-35A Datasheet
132Kb / 1P
   Power Transformers - Bracket UL Type
logo
RENCO ELECTRONICS, INC.
RLD-2220 RENCO-RLD-2220 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
RL-2220 RENCO-RL-2220 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
logo
Sumida Corporation
CMD4D06 SUMIDA-CMD4D06_1 Datasheet
130Kb / 2P
   Power Transformers
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
   Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com