Electronic Components Datasheet Search |
|
LMV344IPWRE4 Datasheet(PDF) 3 Page - Texas Instruments |
|
LMV344IPWRE4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 27 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions ESD Protection LMV341,, LMV342,, LMV344 RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage(2) 5.5 V VID Differential input voltage(3) ±5.5 V VI Input voltage range (either input) 0 5.5 V 8 pin 97 D package 14 pin 86 DBV package 165 θ JA Package thermal impedance(4)(5) °C/W DCK package 259 DGK package 172 PW package 113 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values (except differential voltages and V+ specified for the measurement of IOS) are with respect to the network GND. (3) Differential voltages are at IN+ with respect to IN–. (4) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (5) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT V+ Supply voltage (single-supply operation) 2.5 5.5 V TA Operating free-air temperature –40 125 °C TEST CONDITIONS TYP UNIT Human-Body Model 2000 V Machine Model 200 V 3 Submit Documentation Feedback |
Similar Part No. - LMV344IPWRE4 |
|
Similar Description - LMV344IPWRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |