Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV341IDCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV341IDCKR
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341IDCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV341IDCKR Datasheet HTML 5Page - Texas Instruments LMV341IDCKR Datasheet HTML 6Page - Texas Instruments LMV341IDCKR Datasheet HTML 7Page - Texas Instruments LMV341IDCKR Datasheet HTML 8Page - Texas Instruments LMV341IDCKR Datasheet HTML 9Page - Texas Instruments LMV341IDCKR Datasheet HTML 10Page - Texas Instruments LMV341IDCKR Datasheet HTML 11Page - Texas Instruments LMV341IDCKR Datasheet HTML 12Page - Texas Instruments LMV341IDCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
SOURCE CURRENT
SOURCE CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 5.
Figure 6.
SINK CURRENT
SINK CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 7.
Figure 8.
9
Submit Documentation Feedback


Similar Part No. - LMV341IDCKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341IDCKR NSC-LMV341IDCKR Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341IDCKRE4 NSC-LMV341IDCKRE4 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341IDCKRG4 NSC-LMV341IDCKRG4 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - LMV341IDCKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com