Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2167H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HAT2167H
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2167H Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2167H Datasheet HTML 1Page - Renesas Technology Corp HAT2167H Datasheet HTML 2Page - Renesas Technology Corp HAT2167H Datasheet HTML 3Page - Renesas Technology Corp HAT2167H Datasheet HTML 4Page - Renesas Technology Corp HAT2167H Datasheet HTML 5Page - Renesas Technology Corp HAT2167H Datasheet HTML 6Page - Renesas Technology Corp HAT2167H Datasheet HTML 7Page - Renesas Technology Corp HAT2167H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HAT2167H
Rev.5.00 Sep 20, 2005 page 4 of 7
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nc)
Dynamic Input Characteristics
10
8
6
4
2
-25
0
25
50
75
100 125 150
0
I
= 50 A
D
10 A, 20 A, 50 A
VGS = 4.5 V
10 V
Pulse Test
330
0.1
1
10
100
0.3
10
100
30
1
0.3
3
0.1
Tc = -25
°C
VDS = 10 V
Pulse Test
75
°C
25
°C
10 A, 20 A
0.1
0.3
1
3
10
30
100
20
50
10
0
5
10
15
20
30
25
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
1000
300
100
30
10
1
3
di/dt = 100 A/
µs
VGS = 0, Ta = 25°C
0.3
1
3
10
30
100
0.1
100
50
40
30
20
10
0
20
16
12
8
4
20
40
60
80
100
0
0
ID = 30 A
VGS
VDS
VDD = 25 V
10 V
5 V
VDD = 25 V
10 V
5 V
VGS = 10 V, VDS = 10 V
Rg = 4.7
Ω, duty ≤ 1 %
tf
tr
td(off)
td(on)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn