Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RK252A-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RN5RK252A-TR
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK252A-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RN5RK252A-TR Datasheet HTML 4Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 5Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 6Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 7Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 8Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 9Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 10Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 11Page - RICOH electronics devices division RN5RK252A-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RN5RKxx1A/xx1B/xx2A
8
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
,(;7+
(;7´+µ2XWSXW9ROWDJH
9≤9287≤9
9(;7 92879

P$
,(;7+
(;7´/µ2XWSXW9ROWDJH
9≤9287≤9 9(;7 9

P$
,(;7+
(;7´/µ2XWSXW9ROWDJH
9≤9287≤9 9(;7 9

P$
,(;7+
(;7´/µ2XWSXW9ROWDJH
9≤9287≤9 9(;7 9

P$
*1)
Condition: An Output load resistor RL is connected between VOUT and GND.
Note that the resistor RL has a resistance which makes an output current 1mA after step-up operation.
*2)
The Supply Current 1 (IDD1) for IC itself is measured when the internal oscillator works continuously.
If the oscillator works intermittently, the supply current becomes smaller than the value which is written
on the above table. Measurement condition: VOUT=VCE=Setting Output Voltage
×0.96


Similar Part No. - RN5RK252A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301A RICOH-RN5RK301A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301A-TL RICOH-RN5RK301A-TL Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301A-TR RICOH-RN5RK301A-TR Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301B RICOH-RN5RK301B Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
More results

Similar Description - RN5RK252A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com