Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2562-1 Datasheet(PDF) 6 Page - California Eastern Labs

Part No. PS2562-1
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo CEL - California Eastern Labs

PS2562-1 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2562-1 Datasheet HTML 2Page - California Eastern Labs PS2562-1 Datasheet HTML 3Page - California Eastern Labs PS2562-1 Datasheet HTML 4Page - California Eastern Labs PS2562-1 Datasheet HTML 5Page - California Eastern Labs PS2562-1 Datasheet HTML 6Page - California Eastern Labs PS2562-1 Datasheet HTML 7Page - California Eastern Labs PS2562-1 Datasheet HTML 8Page - California Eastern Labs PS2562-1 Datasheet HTML 9Page - California Eastern Labs PS2562-1 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MARKING EXAMPLE
2562
M 003
PS2562-2
M 003
E
F
PS2562-1
PS2562-2
Assembly Lot
Week Assembled
Year Assembled
(Last 1 Digit)
In-house Code
CTR Rank Code
No. 1 pin
Mark
Package
New PKG
Standard PKG
Made in Japan Made in Taiwan
No. 1 pin
Mark
M
F
Week Assembled
Year Assembled
(Last 1 Digit)
In-house Code
CTR Rank Code
Package
New PKG
Standard PKG
Made in Japan Made in Taiwan
0
03
M
0
03
Blank
Blank
Country Assembled
Assembly Lot
H
No. 1 pin
Mark
PS2562-4
M 003
PS2562-4
M
F
Week Assembled
Year Assembled
(Last 1 Digit)
In-house Code
CTR Rank Code
Package
New PKG
Standard PKG
Made in Japan Made in Taiwan
0
03
Blank
Country Assembled
Assembly Lot
Data Sheet PN10235EJ02V0DS
6
PS2562-1,-2,-4,PS2562L-1,-2,-4,PS2562L1-1,-2,-4,PS2562L2-1,-2,-4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn