Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI7C8150AMA-33 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMA-33
Description  2-PORT PCI-to-PCI BRIDGE
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMA-33 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMA-33 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150AMA-33 Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 11 of 111
APRIL 2006 – Revision 1.1
1
INTRODUCTION
Product Description
The PI7C8150A is an enhanced PCI-to-PCI Bridge is designed to be fully compliant with
the PCI Local Bus Specification Revision 2.3. Both the primary and secondary interfaces
are specified to run at 32-bits and up to 66MHz (33MHz for PI7C8150A-33).
Product Features
32-bit Primary and Secondary Ports run up to 66MHz (33MHz for PI7C8150A-33)
Compliant with the PCI Local Bus Specification, Revision 2.3
Compliant with PCI-to-PCI Bridge Architecture Specification, Revision 1.1.
All I/O and memory commands
Type 1 to Type 0 configuration conversion
Type 1 to Type 1 configuration forwarding
Type 1 configuration write to special cycle conversion
Compliant with the Advanced Configuration Power Interface (ACPI) Specification.
Compliant with the PCI Power Management Specification, Revision 1.0.
Synchronous operation support
Provides internal arbitration for one set of nine secondary bus masters
Programmable 2-level priority arbiter
Disable control for use of external arbiter
Supports posted write buffers in all directions
Four 128 byte FIFO’s for delay transactions
Two 128 byte FIFO’s for posted memory transactions
Enhanced address decoding
Extended Commercial temperature range 0°C to 85°C
IEEE 1149.1 JTAG interface support
3.3V core; 3.3V and 5V signaling
208-pin FQFP and 256-pin PBGA
Pb-free & Green available
06-0057


Similar Part No. - PI7C8150AMA-33

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BMA PERICOM-PI7C8150BMA Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BMA PERICOM-PI7C8150BMA Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BMA-33 PERICOM-PI7C8150BMA-33 Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BMA-33 PERICOM-PI7C8150BMA-33 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results

Similar Description - PI7C8150AMA-33

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
   2-Port PCI-to-PCI Bridge
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
   2-Port PCI-to-PCI Bridge
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
   Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8140A PERICOM-PI7C8140A Datasheet
117Kb / 3P
   2 PORT PCI TO PCI BRIDGE PLX PCI 6140 COMPARISON
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com