Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLUS16R4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLUS16R4
Description  PAL devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R4 Datasheet(HTML) 4 Page - NXP Semiconductors

  PLUS16R4 Datasheet HTML 1Page - NXP Semiconductors PLUS16R4 Datasheet HTML 2Page - NXP Semiconductors PLUS16R4 Datasheet HTML 3Page - NXP Semiconductors PLUS16R4 Datasheet HTML 4Page - NXP Semiconductors PLUS16R4 Datasheet HTML 5Page - NXP Semiconductors PLUS16R4 Datasheet HTML 6Page - NXP Semiconductors PLUS16R4 Datasheet HTML 7Page - NXP Semiconductors PLUS16R4 Datasheet HTML 8Page - NXP Semiconductors PLUS16R4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
39
LOGIC DIAGRAM
PLUS16L8
NOTES:
1.
All unprogrammed or virgin “AND” gate locations are pulled to logic “0”.
2.
Programmable connections.
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
O0
B1
B2
B3
B4
B5
B6
O7
INPUTS (0–31)
0
31
0
7
8
16
15
23
24
31
32
39
40
47
48
55
56
63


Similar Part No. - PLUS16R4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153BA PHILIPS-PLUS153BA Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153BN PHILIPS-PLUS153BN Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153D PHILIPS-PLUS153D Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153DA PHILIPS-PLUS153DA Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results

Similar Description - PLUS16R4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Pasternack Enterprises,...
PE9681 PASTERNACK-PE9681 Datasheet
102Kb / 1P
   PAL JACK TO PAL JACK
PE9680 PASTERNACK-PE9680 Datasheet
102Kb / 1P
   PAL PLUG TO PAL PLUG
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
NXP Semiconductors
TDA3565 PHILIPS-TDA3565 Datasheet
116Kb / 12P
   PAL decoder
April 1986
TDA3561A PHILIPS-TDA3561A Datasheet
165Kb / 14P
   PAL decoder
September 1982
logo
Adam Technologies, Inc.
RF34-01-T-00-75 ADAM-TECH-RF34-01-T-00-75 Datasheet
75Kb / 1P
   PAL CONNECTOR
RF34-02-T-00-75 ADAM-TECH-RF34-02-T-00-75 Datasheet
76Kb / 1P
   PAL CONNECTOR
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
   PAL decoder
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com