Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR220NPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFR220NPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR220NPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFR220NPBF Datasheet HTML 2Page - International Rectifier IRFR220NPBF Datasheet HTML 3Page - International Rectifier IRFR220NPBF Datasheet HTML 4Page - International Rectifier IRFR220NPBF Datasheet HTML 5Page - International Rectifier IRFR220NPBF Datasheet HTML 6Page - International Rectifier IRFR220NPBF Datasheet HTML 7Page - International Rectifier IRFR220NPBF Datasheet HTML 8Page - International Rectifier IRFR220NPBF Datasheet HTML 9Page - International Rectifier IRFR220NPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFR/U220NPbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE AS S EMBLY LINE "A"
AS S EMB LED ON WW 16, 1999
EXAMPLE:
WIT H ASSEMB LY
T HIS IS AN IRF R120
LOT CODE 1234
YE AR 9 = 1999
DATE CODE
WEE K 16
PART NUMBER
LOGO
INT ERNAT IONAL
RE CT IFIE R
AS S EMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DAT E CODE
OR
P = DES IGNATE S LEAD-FRE E
PRODUCT (OPT IONAL)
Note: "P" in ass embly line position
indicates "Lead-F ree"
12
34
WEEK 16
A = ASSEMB LY SIT E CODE
PART NUMBE R
IRFU120
LINE A
LOGO
LOT CODE
ASSEMB LY
INT ERNATIONAL
RECT IFIER


Similar Part No. - IRFR220NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR220NPBF IRF-IRFR220NPBF Datasheet
230Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR220NPBF KERSEMI-IRFR220NPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR220NPBF IRF-IRFR220NPBF Datasheet
230Kb / 11P
   High frequency DC-DC converters
IRFR220NPBF IRF-IRFR220NPBF_15 Datasheet
230Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR220NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com