Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3421 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH3421
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3421 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH3421 Datasheet HTML 1Page - Sanyo Semicon Device MCH3421 Datasheet HTML 2Page - Sanyo Semicon Device MCH3421 Datasheet HTML 3Page - Sanyo Semicon Device MCH3421 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH3421
No.7997-3/4
IT07674
2
3
2
3
5
7
5
7
2
3
5
7
2
3
5
7
0.1
1.0
0.01
0.001
23
5 7
23
5 7
23
5 7
2
1.0
0.1
10
100
IDP=3.2A
ID=0.8A
Operation in this
area is limited by RDS(on).
100
µ
s
100ms
1ms
10ms
DC
operation
(T
a=25
°C)
0
0
20
40
0.2
0.4
0.6
0.8
0.9
1.0
60
80
100
120
140
160
IT07671
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain Current, ID -- A
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
0123
4
5
6
0
2
4
6
8
10
VGS -- Qg
IT06003
1.0
7
5
3
2
10
7
5
3
2
100
SW Time -- ID
IT06001
IT05999
0.1
23
5 7
1.0
23
23
57
0.01
5
0.1
2
1.0
23
5
7
1.0
0.1
7
5
3
2
3
2
7
5
yfs -- ID
0
5
10
15
20
25
30
1.0
10
100
7
5
3
2
5
3
2
7
5
3
2
Ciss, Coss, Crss -- VDS
IT06002
IT06000
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1.0
7
5
3
2
7
5
3
2
5
3
2
IF -- VSD
PD -- Ta
A S O
VDS=10V
VGS=0
75°
C
25°
C
Ta=
--25
°C
td(on)
td(off)
tf
tr
VDD=50V
VGS=10V
Ciss
Coss
Crss
f=1MHz
VDS=50V
ID=0.8A
<10µs
Mounted
on
a
ceramic
board
(900mm
2!
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm)


Similar Part No. - MCH3421

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3420 SANYO-MCH3420 Datasheet
52Kb / 4P
   MCH3420
More results

Similar Description - MCH3421

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com