Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC6390 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ILC6390
Description  SOT-89 Step-Up PFM Switcher with Auto-Load Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6390 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ILC6390 Datasheet HTML 2Page - Fairchild Semiconductor ILC6390 Datasheet HTML 3Page - Fairchild Semiconductor ILC6390 Datasheet HTML 4Page - Fairchild Semiconductor ILC6390 Datasheet HTML 5Page - Fairchild Semiconductor ILC6390 Datasheet HTML 6Page - Fairchild Semiconductor ILC6390 Datasheet HTML 7Page - Fairchild Semiconductor ILC6390 Datasheet HTML 8Page - Fairchild Semiconductor ILC6390 Datasheet HTML 9Page - Fairchild Semiconductor ILC6390 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ILC6390/91
9
©2001 Fairchild Semiconductor Corporation
Typical Performance Characteristics General conditions for all curves
150
0
300
450
600
750
ILC6391CP-50
Efficiency vs. Output Current
OUTPUT CURRENT I
OUT (mA)
0
L = 22µH (CD105)
R
B = 300
C
B = 0.1µF
20
40
60
80
100
120
V
IN = 2.0V
V
IN = 1.5V
V
IN = 3.0V
100
0
200
300
400
500
ILC6391CP-50
Output Voltage vs. Output Current
OUTPUT CURRENT I
OUT (mA)
0
L = 22µH (CD54)
R
B = 300
C
B = 0.1µF
1.0
2.0
3.0
4.0
5.0
6.0
7.0
V
IN = 2.0V
V
IN = 1.2V
V
IN = 1.5V
V
IN = 3.0V
150
0
300
450
600
750
ILC6391CP-50
Output Voltage vs. Output Current
OUTPUT CURRENT I
OUT (mA)
0
L = 22µH (CD105)
R
B = 300
C
B = 0.1µF
1
2
3
4
5
6
V
IN = 2.0V
V
IN = 1.5V
V
IN = 3.0V
100
0
200
300
400
500
ILC6391CP-50
Ripple Voltage vs. Output Current
OUTPUT CURRENT I
OUT (mA)
0
100
200
300
400
500
V
IN = 3.0V
V
IN = 2.0V
L = 22µH (CD54)
R
B = 500
C
B = 0
V
IN = 1.5V
150
0
300
450
600
750
ILC6391CP-30
Ripple Voltage vs. Output Current
OUTPUT CURRENT I
OUT (mA)
0
100
200
300
400
500
V
IN = 1.8V
V
IN = 1.5V
L = 22µH (CD105)
R
B = 300
C
B = 0.1µF
V
IN = 1.2V
150
0
300
450
600
750
ILC6391CP-50
Ripple Voltage vs. Output Current
OUTPUT CURRENT I
OUT (mA)
0
L = 22µH (CD105)
R
B = 300
C
B = 0.1µF
100
200
300
400
500
600
V
IN = 2.0V
V
IN = 1.5V
V
IN = 3.0V


Similar Part No. - ILC6390

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6390 IMPALA-ILC6390 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
ILC6390CM-25 IMPALA-ILC6390CM-25 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
ILC6390CM-33 IMPALA-ILC6390CM-33 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
ILC6390CM-50 IMPALA-ILC6390CM-50 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
ILC6390CP-25 IMPALA-ILC6390CP-25 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
More results

Similar Description - ILC6390

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6390 IMPALA-ILC6390 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
ILC6380 IMPALA-ILC6380 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6370 IMPALA-ILC6370 Datasheet
265Kb / 8P
   SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN
ILC6375 IMPALA-ILC6375 Datasheet
65Kb / 4P
   1 AMP SOT - 89 STEP DOWN PWM SWITCHER CONTROLLER
logo
Aimtron Technology
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
   PFM Step-Up DC/DC Converter with LDO
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com