Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD26LS31 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD26LS31 Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HD26LS31
4
Electrical Characteristics (Ta = 0 to +70°C)
Item
Symbol
Min
Typ*
1
Max
Unit
Application
Terminal
Conditions
Input Voltage
V
IH
2.0
V
All Inputs
V
IL
0.8
Input Clamp Voltage V
IK
–1.5
V
CC = 4.75 V, II = –18 mA
Output Voltage
V
OH
2.5
All Outputs
V
CC = 4.75 V I OH = –20 mA
V
OH
2.4
I
OH = –40 mA
V
OL
0.5
I
OL = 40 mA
Output Current
I
OZL
–20
mA
V
CC = 5.25 V VO = 0.5 V
I
OZH
20
V
CC = 5.25 V VO = 2.5 V
Input Current
I
I
0.1
mA
All Inputs
V
CC = 5.25 V VI = 7 V
I
IH
——
20
µAV
I = 2.7 V
I
IL
–0.36 mA
V
I = 0.4 V
Short Circuit Output
Current
I
OS*
2
–30
–150
All Outputs
V
CC = 5.25 V
Supply Current
I
CC
—32
80
V
CC
V
CC = 5.25 V
Notes: 1. All typical values are at V
CC = 5 V, Ta = 25°C
2. Not more than one output should be shorted at a time and duration of the short circuit should not
exceed one second.
Switching Characteristics (V
CC = 5 V, Ta = 25°C)
Item
Symbol
Min Typ Max Unit
Application
terminal
Test
circuit
Conditions
Propagation Delay Time
t
PLH
14
20
ns
All Outputs
1
CL = 30 pF
t
PHL
—14
20ns
Output Enable Time
t
ZH
—25
40ns
2
C
L = 30 pF, RL = 75 Ω
t
ZL
—37
45ns
3
C
L = 30 pF, RL = 180 Ω
Output Disable Time
t
HZ
—21
30ns
2
C
L = 10 pF
t
LZ
—23
35ns
3
C
L = 10 pF
Complementary Output To
Output
Skew
1
6
ns
1
C
L = 30 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn