Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEF4811 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TEF4811
Description  DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEF4811 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TEF4811 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEF4811 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEF4811 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
Specifications can be changed without notice
Outline Dimensions mm (inches)
Jenatschstrasse 1 CH-8002 Zurich Switzerland
Tel. +41-1284 2911 Fax +41-1201 1168 e-mail: sales@traco.ch internet: http://www.tracopower.com
Rev. 12/00
Physical Specifications
Case material
Steel nickel-plated
Potting material
Silicon rubber TSE (UL 94V-O)
Weight
14 g (0.49 oz)
Soldering temperature
max. 260°C / 10 sec
DC/DC Converter
TEF Series
3 Watt
Pin-Out
Pin
Single
Dual
1
+Vin (Vcc)
+Vin (Vcc)
2
No function
–Vout
3
No function
Common
10
–Vout
Common
11
+Vout
+Vout
12
–Vin (GND)
–Vin (GND)
13
–Vin (GND)
–Vin (GND)
14
+Vout
+Vout
15
–Vout
Common
22
No function
Common
23
No function
–Vout
24
+Vin (Vcc)
+Vin (Vcc)
( ) = inches
Pin ø 0.5 (0.02)
10 ±0.5
5
15.24 (0.6)
10
11
12
22
24
23
1
2
3
15
14
13
0.5
(0.02)
(0.4 ±0.02)
(0.2)
2.4 ±0.5
(0.1 ±0.02)
20 ±0.5 (0.8 ±0.02)


Similar Part No. - TEF4811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF4033 STMICROELECTRONICS-TEF4033 Datasheet
209Kb / 5P
   QUAD BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - TEF4811

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com