Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEF2021 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TEF2021
Description  DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEF2021 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TEF2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEF2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEF2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.tracopower.com
Page 2
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Input Specifications
Input current no load
5 Vin models:
60 mA typ.
12 Vin models:
15 mA typ.
20 Vin models:
25 mA typ.
24 Vin models:
7 mA typ.
48 Vin models:
6 mA typ.
Input current full load
5 Vin models:
720 mA typ.
12 Vin models:
310 mA typ.
20 Vin models:
180 mA typ.
24 Vin models:
140 mA typ.
48 Vin models:
70 mA typ.
Surge voltage (1 sec. max.)
5 Vin models:
7.5 V max.
12 Vin models:
15 V max.
24 Vin models:
30 V max.
Input filter
Pi-Filter
Output Specifications
Voltage set accuracy
± 3 %
Regulation
– Input variation Vin min. to Vin max.
± 0.5 % max.
– Load variation 10 – 90 %;
single output:
± 1.0 % max.
dual output:
± 2.0 % max.
Ripple and noise (20 MHz Bandwidth)
80 mVpk-pk max.
Temperature coefficient
± 0.02 % / °C
Short circuit protection
continuous
Capacitive load
– Single output models
2200 µF max.
– Dual output models
2200 µF max.
General Specifications
Temperature ranges
– Operating
– 25 °C ... +75 °C
– Case
+ 95 °C
– Storage
– 40 °C ... +115 °C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217 E)
>1’000’000 h @ 25 °C
Isolation voltage
– Input/Output
1’000 VDC
– Input/Case
1’000 VDC
– Output/Case
500 VDC
Isolation capacity
– Input/Output
500 pF typ.
Isolation resistance
– Input/Output
>1‘000 M Ohm
Switching frequency
25 – 85 KHz (depending on load)
ations
DC/DC Converter
TEF Series
3 Watt


Similar Part No. - TEF2021

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
TEF EXXELIA-TEF Datasheet
2Mb / 16P
   Radial Leaded Conformal Coated Capacitors
02/21
logo
STMicroelectronics
TEF1033 STMICROELECTRONICS-TEF1033 Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
TEF1033 STMICROELECTRONICS-TEF1033 Datasheet
102Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
TEF1033D STMICROELECTRONICS-TEF1033D Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
TEF1033N STMICROELECTRONICS-TEF1033N Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TEF2021

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com