Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12429 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC12429
Description  HIGH FREQUENCY CLOCK SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12429 Datasheet(HTML) 5 Page - Motorola, Inc

  MC12429 Datasheet HTML 1Page - Motorola, Inc MC12429 Datasheet HTML 2Page - Motorola, Inc MC12429 Datasheet HTML 3Page - Motorola, Inc MC12429 Datasheet HTML 4Page - Motorola, Inc MC12429 Datasheet HTML 5Page - Motorola, Inc MC12429 Datasheet HTML 6Page - Motorola, Inc MC12429 Datasheet HTML 7Page - Motorola, Inc MC12429 Datasheet HTML 8Page - Motorola, Inc MC12429 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC12429
TIMING SOLUTIONS
5
MOTOROLA
Let N = 2, M = 133.3333
÷ 1.0416 x 2 = 256
The value for M falls within the constraints set for PLL
stability, therefore N[1:0] = 01 and M[8:0} = 10000000. If the
value for M fell outside of the valid range a different N value
would be selected to try to move M in the appropriate
direction.
The M and N counters can be loaded either through a
parallel or serial interface. The parallel interface is controlled
via the P_LOAD signal such that a LOW to HIGH transition
will latch the information present on the M[8:0] and N[1:0]
inputs into the M and N counters. When the P_LOAD signal is
LOW the input latches will be transparent and any changes
on the M[8:0] and N[1:0] inputs will affect the FOUT output
pair. To use the serial port the S_CLOCK signal samples the
information on the S_DATA line and loads it into a 14 bit shift
register. Note that the P_LOAD signal must be HIGH for the
serial load operation to function. The Test register is loaded
with the first three bits, the N register with the next two and
the M register with the final eight bits of the data stream on
the S_DATA input. For each register the most significant bit is
loaded first (T2, N1 and M8). A pulse on the S_LOAD pin
after the shift register is fully loaded will transfer the divide
values into the counters. The HIGH to LOW transition on the
S_LOAD input will latch the new divide values into the
counters. Figure 4 illustrates the timing diagram for both a
parallel and a serial load of the MC12429 synthesizer.
M[8:0] and N[1:0] are normally specified once at power–up
through the parallel interface, and then possibly again
through the serial interface. This approach allows the
application to come up at one frequency and then change or
fine–tune the clock as the ability to control the serial interface
becomes available.
The TEST output provides visibility for one of the several
internal nodes as determined by the T[2:0] bits in the serial
configuration stream. It is not configurable through the
parallel interface. Although it is possible to select the node
that represents FOUT, the CMOS output may not be able to
toggle fast enough for some of the higher output frequencies.
The T2, T1 and T0 control bits are preset to ‘000’ when
P_LOAD is LOW so that the PECL FOUT outputs are as
jitter–free as possible. Any active signal on the TEST output
pin will have detrimental affects on the jitter of the PECL
output pair. In normal operations, jitter specifications are only
guaranteed if the TEST output is static. The serial
configuration port can be used to select one of the alternate
functions for this pin.
Most of the signals available on the TEST output pin are
useful only for performance verification of the MC12429
itself. However the PLL bypass mode may be of interest at
the board level for functional debug. When T[2:0] is set to 110
the MC12429 is placed in PLL bypass mode. In this mode the
S_CLOCK input is fed directly into the M and N dividers. The
N divider drives the FOUT differential pair and the M counter
drives the TEST output pin. In this mode the S_CLOCK input
could be used for low speed board level functional test or
debug. Bypassing the PLL and driving FOUT directly gives
the user more control on the test clocks sent through the
clock tree. Figure 5 shows the functional setup of the PLL
bypass mode. Because the S_CLOCK is a CMOS level the
input frequency is limited to 250MHz or less. This means the
fastest the FOUT pin can be toggled via the S_CLOCK is
125MHz as the minimum divide ratio of the N counter is 2.
Note that the M counter output on the TEST output will not be
a 50% duty cycle due to the way the divider is implemented.
T2
T1
T0
TEST (Pin 20)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
SHIFT REGISTER OUT
HIGH
FREF
M COUNTER OUT
FOUT
LOW
MCNT
FOUT/4
Figure 4. Timing Diagram
S_CLOCK
S_DATA
S_LOAD
M[8:0]
N[1:0]
P_LOAD
T2
T1
T0
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M0
M, N
First
Bit
Last
Bit


Similar Part No. - MC12429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1241A ETC-MC1241A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC1241A ETC-MC1241A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Similar Description - MC12429

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
   High Speed Standard Clock Generator With Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com