Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX4212 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX4212
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4212 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
_______________________________________________________________________________________
5
4
-6
100k
1M
10M
100M
1G
MAX4212/MAX4213
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
VOUT = 20mVP-P
3
-7
100k
1M
10M
100M
1G
MAX4216/MAX4218/MAX4220
SMALL-SIGNAL GAIN vs. FREQUENCY
-5
FREQUENCY (Hz)
-3
-1
1
2
-6
-4
-2
0
VOUT = 20mVP-P
9
-1
100k
1M
10M
100M
1G
MAX4212/MAX4213
SMALL-SIGNAL GAIN vs. FREQUENCY
1
FREQUENCY (Hz)
3
5
7
8
0
2
4
6
AVCL = 2
VOUT = 20mVP-P
9
-1
100k
1M
10M
100M
1G
MAX4216/MAX4218/MAX4220
SMALL-SIGNAL GAIN vs. FREQUENCY
1
FREQUENCY (Hz)
3
5
7
8
0
2
4
6
AVCL = 2
VOUT = 20mVP-P
0.5
-0.5
0.1M
1M
10M
100M
1G
MAX4216/MAX4218/MAX4220
GAIN FLATNESS vs. FREQUENCY
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
0.4
-0.4
-0.2
0
0.2
4
-6
100k
1M
10M
100M
1G
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
VOUT = 2VP-P
VOUT BIAS = 1.75V
0.7
-0.3
0.1M
1M
10M
100M
1G
MAX4212/MAX4213
GAIN FLATNESS vs. FREQUENCY
-0.1
FREQUENCY (Hz)
0.1
0.3
0.5
0.6
-0.2
0
0.2
0.4
50
-150
100k
1M
10M
100M
1G
MAX4216/MAX4218/MAX4220
CROSSTALK vs. FREQUENCY
-110
FREQUENCY (Hz)
-70
-30
10
30
-130
-90
-50
-10
1000
0.1
0.1M
1M
10M
100M
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100
1
10
__________________________________________Typical Operating Characteristics
(VCC = 5V, VEE = 0, AVCL = 1, RF = 24
Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn