Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX4212 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX4212
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4212 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
4
_______________________________________________________________________________________
Note 1: Tested with VCM = 2.5V.
Note 2: PSR for single 5V supply tested with VEE = 0, VCC = 4.5V to 5.5V; for dual ±5V supply with VEE = -4.5V to -5.5V,
VCC = 4.5V to 5.5V; and for single 3.3V supply with VEE = 0, VCC = 3.15V to 3.45V.
Note 3: Does not include the external feedback network’s impedance.
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = 0, VCM = 2.5V, EN_ = 5V, RF = 24
Ω, RL = 100Ω to VCC/2, VOUT = VCC/2, AVCL = +1, TA = +25°C, unless otherwise
noted.)
MAX4216/MAX4218/MAX4220,
f = 10MHz, VOUT = 2VP-P
dB
-95
XTALK
Amplifier Crosstalk
MAX4216/MAX4218/MAX4220,
f = 10MHz, VOUT = 20mVP-P
dB
0.1
Amplifier Gain Matching
µs
1
tOFF
Amplifier Disable Time
fC = 5MHz, VOUT = 2VP-P
dBc
-78
SFDR
Spurious-Free Dynamic
Range
Total harmonic
distortion
3rd harmonic
2nd harmonic
MAX4216/MAX4218/
MAX4220
MAX4212/MAX4213
MAX4216/MAX4218/
MAX4220
MAX4212/MAX4213
f = 10MHz
EN_ = 0
f = 10kHz
f = 10kHz
VOUT = 20mVP-P
NTSC, RL = 150
NTSC, RL = 150
fC = 10MHz, AVCL = 2
fC = 5MHz,
VOUT = 2VP-P
VOUT = 100mVP-P
f1 = 10.0MHz, f2 = 10.1MHz, VOUT = 1VP-P
VOUT = 2V step
VOUT = 2V step
VOUT = 2VP-P
VOUT = 20mVP-P
CONDITIONS
ns
100
tON
Amplifier Enable Time
6
ZOUT
Output Impedance
pF
2
COUT (OFF)
Disabled Output Capacitance
pF
1
CIN
Input Capacitance
pA/
√Hz
1.3
in
Input Noise-Current Density
nV/
√Hz
10
en
Input Noise-Voltage Density
%
0.02
DG
Differential Gain Error
degrees
0.02
DP
Differential Phase Error
dBm
11
Input 1dB Compression Point
dBc
35
IP3
Two-Tone, Third-Order
Intermodulation Distortion
dB
-75
-82
HD
Harmonic Distortion
200
MHz
300
BWSS
Small-Signal -3dB Bandwidth
dBc
-78
ns
1
tR, tF
Rise/Fall Time
ns
45
tS
Settling Time to 0.1%
V/µs
600
SR
Slew Rate
MHz
180
BWLS
Large-Signal -3dB Bandwidth
MHz
50
BW0.1dB
Bandwidth for 0.1dB Gain
Flatness
35
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn