Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4212 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part No. MAX4212
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4212 Datasheet(HTML) 15 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
______________________________________________________________________________________
15
Chip Information
_Ordering Information (continued)
E
1
1
21-0057
PACKAGE OUTLINE, SOT-23, 5L
PART
TEMP
RANGE
PIN
PACKAGE
TOP
MARK
MAX4216ESA
-40°C to +85°C
8 SO
MAX4216EUA
-40°C to +85°C
8 µMAX
MAX4218ESD
-40°C to +85°C
14 SO
MAX4218EEE
-40°C to +85°C
16 QSOP
MAX4220ESD
-40°C to +85°C
14 SO
MAX4220EEE
-40°C to +85°C
16 QSOP
MAX4212/MAX4213 TRANSISTOR COUNT: 95
MAX4216 TRANSISTOR COUNT: 190
MAX4218 TRANSISTOR COUNT: 299
MAX4220 TRANSISTOR COUNT: 362
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn