Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4212 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX4212
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4212 Datasheet(HTML) 7 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
_______________________________________________________________________________________
7
IN
(50mV/
div)
OUT
(25mV/
div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = 1)
MAX4212/3/6/8/20-19
20ns/div
VCM = 2.5V, RL = 100
Ω to GROUND
IN
(25mV/
div)
OUT
(25mV/
div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = 2)
MAX4212/3/6/8/20-20
20ns/div
VCM = 1.25V, RL = 100
Ω to GROUND
IN
(50mV/
div)
OUT
(25mV/
div)
SMALL-SIGNAL PULSE RESPONSE
(CL = 5pF, AVCL = 1)
MAX4212/3/6/8/20-21
20ns/div
VCM = 1.75V, RL = 100
Ω to GROUND
IN
(1V/div)
OUT
(1V/div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = 1)
MAX4212/3/6/8/20-22
20ns/div
VCM = 1.75V, RL = 100
Ω to GROUND
100
10
1
1
10
1k
10M
1M
MAX4213
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
10k 100k
IN
(500mV/
div)
OUT
(500mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = 2)
MAX4212/3/6/8/20-23
20ns/div
VCM = 0.9V, RL = 100
Ω to GROUND
IN
(1V/
div)
OUT
(500mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(CL = 5pF, AVCL = 2)
MAX4212/3/6/8/20-24
20ns/div
VCM = 1.75V, RL = 100
Ω to GROUND
10
1
1
10
1k
10M
1M
MAX4218
CURRENT-NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
10k 100k
EN_
5.0V
(ENABLE)
0
(DISABLE)
1V
0
OUT
ENABLE RESPONSE TIME
MAX4212/3/6/8/20-27
1
µs/div
VIN = 1.0V
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, AVCL = 1, RF = 24
Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn