Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC896431 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC896431
Description  MD Decoder IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC896431 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC896431 Datasheet HTML 1Page - Sanyo Semicon Device LC896431 Datasheet HTML 2Page - Sanyo Semicon Device LC896431 Datasheet HTML 3Page - Sanyo Semicon Device LC896431 Datasheet HTML 4Page - Sanyo Semicon Device LC896431 Datasheet HTML 5Page - Sanyo Semicon Device LC896431 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 6891-2/6
LC896431
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD1 max
2.7
V
VDD2 max
2.7
V
Input and output voltage
VI, VO
0 to VDD2
V
Operating temperature *1
Topr
–10 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Input and output current *2
II, IO
±20
mA
Specifications
Maximum Ratings at VSS = 0 V
Notes: 1. Does not guarantee continuous operation.
2. Maximum output current that flows constantly (except OUTL, OUTR, SLC0, PD0 pins)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
External I/O
VDD2
2.2
2.3
2.4
Internal
VDD
1.5
1.6
1.8
Supply voltage
AVDD
2.2
2.6
V
Analog system
AVDD1
2.2
2.6
VCVDD
2.2
2.6
Allowable Operating Ranges at Ta = –10°C to +70°C, VSS = 0 V
In case of external I/O power supply, VDD2 = 2.3 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
External I/O
VDD2
2.2
2.5
2.55
Internal
VDD
1.55
1.6
1.80
Supply voltage
AVDD
2.2
2.6
V
Analog system
AVDD1
2.2
2.6
VCVDD
2.2
2.6
In case of external I/O power supply, VDD2 = 2.5 V
Notes: 1. Supply all power supplies at less than the maximum gradient of 0.4 V/ms, and implement a delay of 10 ms or longer for current to go from 0 V to
2.4 V.
2. Supply all power supplies simultaneously so that there are no delay differences among them.
3. Supply 0 to the RESETB pin only upon power application, and following power application, supply 1 and use with this value.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Except *1 to *3
VDD2 × 0.75
——
Input high-level voltage
VIH
*1
VDD2 × 0.80
——
V
*2
VDD2/2 + 0.10
VDD2
Except *1 to *3—
— VDD2 × 0.25
Input low-level voltage
VIL
*1—
— VDD2 × 0.20
V
*2VSS
— VDD2/2 – 0.10
Output high-level voltage
VOH
IOH2 = –1 mA, Except *4
VDD2 × 0.80
——
V
Output low-level voltage
VOL
IOL = 1 mA, Except *4
— VDD2 × 0.15
V
Output leakage current
IOZ
*5
–10.0
10.0
µA
Pull-up resistance
RUP
46
100
270
k
Electrical Characteristics
DC characteristics
Input/output level: at Ta = –10 to 70°C, VSS = 0 V, VDD1 = 1.5 to 1.8 V, VDD2 = 2.2 to 2.55 V
Notes: *1: CL, CE, RESETB, ADIPWO, HFL
*2: EFMIN
*3: PEAK, BOTTOM, ABCD, TE, FE, VC
*4: OUTL, OUTR
*5: During high-impedance output. Current also flows through pull-up resistance for MD3 to 0.
• XIN, XOUT, SLC0, and PD0 are not included in DC characteristics.
• The FR, ISET, SLCIST bias resistance pins are not included in DC characteristics.


Similar Part No. - LC896431

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
   Audio Decoder LSI for Mini-Disk Playback
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
   Mini-Disk Decoder LSI
More results

Similar Description - LC896431

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8771NFH PANASONIC-AN8771NFH Datasheet
147Kb / 11P
   Pre-amplifier IC for MD
AN5637 PANASONIC-AN5637 Datasheet
102Kb / 11P
   SECAM decoder IC
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8501 PTC-PT8501_10 Datasheet
170Kb / 4P
   Dolby Digital Decoder IC
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
Princeton Technology Co...
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com