Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXTQ96N15P Datasheet(PDF) 3 Page - IXYS Corporation

Part No. IXTQ96N15P
Description  N-Channel Enhancement Mode Preliminary Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ96N15P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTQ96N15P Datasheet HTML 1Page - IXYS Corporation IXTQ96N15P Datasheet HTML 2Page - IXYS Corporation IXTQ96N15P Datasheet HTML 3Page - IXYS Corporation IXTQ96N15P Datasheet HTML 4Page - IXYS Corporation IXTQ96N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
IXTQ 96N15P
IXTT 96N15P
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
25
50
75
100
125
150
175
200
02
46
8
10
12
14
16
18
20
VD S - Volts
VGS = 10V
7V
6V
8V
9V
Fig. 3. Output Characteristics
@ 150
ºC
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VD S - Volts
V
GS = 10V
9V
5V
6V
7V
8V
Fig. 1. Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
VD S - Volts
V
GS = 10V
9V
7V
6V
8V
Fig. 4. RDS(on) Normalized to 0.5 ID25
Value vs. Junction Tem perature
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
I
D = 96A
I
D = 48A
V
GS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
External Lead Current
Limit
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
0
50
100
150
200
250
I D - Amperes
TJ = 175ºC
TJ = 25ºC
VGS = 10V
VGS = 15V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PJD15N06L 60V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
ZXMN10A08G 100V SOT223 N-channel enhancement mode MOSFET 1  2  3  4  5  More Zetex Semiconductors
PJD09N03 25V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
STP4N40 N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1  2  3  4  5  More Sipex Corporation
PJD03N03 25V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
STP5N80 N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS 1  2  3  4  5  More STMicroelectronics
PJD06N03 25V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
STP55N06L N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR 1  2  3  4  5  More STMicroelectronics
PJP75N06 60V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
VN10LF SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET 1  Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn