Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3345CRGYR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74CBT3345CRGYR
Description  8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3345CRGYR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT3345CRGYR Datasheet HTML 1Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 2Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 3Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 4Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 5Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 6Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 7Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 8Page - Texas Instruments SN74CBT3345CRGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN74CBT3345C
8BIT FET BUS SWITCH
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS129A − SEPTEMBER 2003 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor, and OE should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sinking/current-sourcing capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CBT3345CRGYR
CU345C
SOIC − DW
Tube
SN74CBT3345CDW
CBT3345C
SOIC − DW
Tape and reel
SN74CBT3345CDWR
CBT3345C
SSOP − DB
Tube
SN74CBT3345CDB
CU345C
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74CBT3345CDBR
CU345C
−40 C to 85 C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBT3345CDBQR
CBT3345C
TSSOP − PW
Tube
SN74CBT3345CPW
CU345C
TSSOP − PW
Tape and reel
SN74CBT3345CPWR
CU345C
TVSOP − DGV
Tape and reel
SN74CBT3345CDGVR
CU345C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
INPUT/OUTPUT
FUNCTION
OE
OE
INPUT/OUTPUT
A
FUNCTION
H
X
B
A port = B port
X
L
B
A port = B port
L
H
Z
Disconnect
logic diagram (positive logic)
A1
A8
OE
B1
B8
OE
2
9
1
19
18
11
SW
SW


Similar Part No. - SN74CBT3345CRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345DB TI-SN74CBT3345DB Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345DBLE TI1-SN74CBT3345DBLE Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345DBQR TI1-SN74CBT3345DBQR Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345DBR TI1-SN74CBT3345DBR Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT3345CRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_08 Datasheet
369Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_07 Datasheet
339Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16245C TI1-SN74CBT16245C Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com