Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPMI Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part No. TPMI
Description  Thermopile Sensor Module With Integrated Signal Processing
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERKINELMER [PerkinElmer Optoelectronics]
Homepage  http://www.perkinelmer.com
Logo 

TPMI Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPMI- Thermopile Sensor Module
With Integrated Signal Processing
www .perkinelmer .com/optoelectr onics
Description
Description
In recent years, thermopile detector
technology has opened up a large
variety of industrial and commercial
applications for non-contact, infrared
temperature measurements. Aside
from well-known thermopile
applications in ear thermometers
and hand held pyrometers, new
applications include temperature
control in microwave ovens or other
household appliances such as
toasters and hair dryers, home and
automotive climate control, and a
growing number of other industrial
functions.
Most of these applications require an
accurate signal output independent
from ambient temperature variations.
Up to now, this was achieved by
external analog signal-processing
circuits or, for high accurate devices,
by an external microcontroller.
However, with growing high-volume
applications, there is a strong demand
for miniaturization and simplification of
the circuitry.
PerkinElmer Optoelectronics now
satisfies this demand by providing the
very first fully integrated and pre-
calibrated thermopile module, TPMI, in
a TO-5 size housing. Depending on
the temperature range, an accuracy
up to ±1 °C is achievable. Its modular
design, where optics, spectral filter
ranges, PCB geometry, and
connectors can be chosen individually,
makes it the ideal infrared solution for
the flexible implementation of remote
temperature measurement into any
application.
Optoelectronics
Features
Features
• Smart thermopile sensor with
integrated signal processing
• Adaptable for specific
measurement tasks
• Integrated, calibrated ambient
temperature sensor
• Output signal ambient
temperature compensation
• Fast reaction time
• Various optics and IR filters
available
• Digital serial interface for calibration
and adjustment purposes
• 8 bit resolution
• Analog front-end/back-end, digital
signal processing
• E2PROM configuration and data
storage
• Two configurable comparators with
high/ low signal for remote
temperature threshold control
• TO-39; 6 pin housing
Applications
Applications
• Miniature, remote non-contact
temperature measurement
(pyrometer)
• Temperature-dependent switch for
alarm or thermostatic applications
• Residential, commercial, automotive,
and industrial climate control
• Household appliances featuring a
remote temperature control, i.e.,
microwave ovens, toasters, or hair
dryers
• Temperature control for laser printers
and copiers


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn